전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-UR201 데이터시트(PDF) 9 Page - Seoul Semiconductor

부품명 SSC-UR201
상세설명  Surface-mounted and leadless chip LED device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-UR201 데이터시트(HTML) 9 Page - Seoul Semiconductor

  SSC-UR201 Datasheet HTML 1Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 2Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 3Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 4Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 5Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 6Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 7Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 8Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SSC
SSC--UR201
UR201
Revision : 1.0
Revision : 1.0
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.0.0)
8. Precaution for Use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or
desiccator) with a desiccant. Otherwise, to store them in the following environment is
recommended.
Temperature : 5℃~30℃ Humidity : 60%HR max.
(2) Attention after opened
However LED is corresponded SMD, when LED be soldered dip, interfacial separation may
affect the light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100Hr at 80±5℃ or 12Hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
(6) Quick cooling shall not be avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or smashed in the process of disposal. It is also dangerous to
drink the liquid or inhale the gas generated by such products when chemically disposed.
(10) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA should be used.
(11) When the LEDs are illuminating, operating current should be decided after considering the
ambient maximum temperature.
(12) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or
more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be
used for storage.
(13) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(14) Repack unused products with anti-moisture packing, fold to close any opening and then
store in a dry place.
(15) The appearance and specifications of the product may be modified for improvement without
notice.


유사한 부품 번호 - SSC-UR201

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-UR202 SEOUL-SSC-UR202 Datasheet
385Kb / 9P
   Surface-mounted and leadless chip LED device
More results

유사한 설명 - SSC-UR201

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
UR101 SEOUL-UR101 Datasheet
419Kb / 9P
   Surface-mounted and leadless chip LED device
YGUR302TM SEOUL-YGUR302TM Datasheet
310Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-UR202 SEOUL-SSC-UR202 Datasheet
385Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-GR202 SEOUL-SSC-GR202 Datasheet
182Kb / 9P
   Surface-mounted and leadless chip LED device
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com