전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-UR201 데이터시트(PDF) 6 Page - Seoul Semiconductor

부품명 SSC-UR201
상세설명  Surface-mounted and leadless chip LED device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-UR201 데이터시트(HTML) 6 Page - Seoul Semiconductor

  SSC-UR201 Datasheet HTML 1Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 2Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 3Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 4Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 5Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 6Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 7Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 8Page - Seoul Semiconductor SSC-UR201 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SSC
SSC--UR201
UR201
Revision : 1.0
Revision : 1.0
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.0.0)
4. Soldering profile
Reflow Soldering Conditions/ Profile
(1) Lead Solder
Temperature
rise: 5°C/sec.
-5°C/sec.
Cooling:
Pre-heating
Operation heating
60 to 120 sec.
5sec. max
120
150
240
°C
0
(2) Lead-Free Solder
• Preliminary heating to be at 150℃max. for 2 minutes max.
• Soldering heat to be at 240℃max. for 5 seconds max.
• Preliminary heating to be at 150℃max. for 2 minutes max.
• Soldering heat to be at 255℃(+5/-0)℃max. for 10 seconds max.
120
60 to 120 sec.
0
(+5)
255
150
°C
Pre-heating
rise: 5°C/sec.
Temperature
5 to 10 sec.
Operation heating
-5°C/sec.
Cooling:
(3) Hand Soldering Condition
• Not more than 3 seconds @MAX280℃, under Soldering iron.
[Note] In case the soldered products are reused in soldering process, we don’t guarantee the products.


유사한 부품 번호 - SSC-UR201

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-UR202 SEOUL-SSC-UR202 Datasheet
385Kb / 9P
   Surface-mounted and leadless chip LED device
More results

유사한 설명 - SSC-UR201

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
UR101 SEOUL-UR101 Datasheet
419Kb / 9P
   Surface-mounted and leadless chip LED device
YGUR302TM SEOUL-YGUR302TM Datasheet
310Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-UR202 SEOUL-SSC-UR202 Datasheet
385Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-GR202 SEOUL-SSC-GR202 Datasheet
182Kb / 9P
   Surface-mounted and leadless chip LED device
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com