전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3E-077.76M 데이터시트(PDF) 3 Page - Connor-Winfield Corporation

부품명 SM3E-077.76M
상세설명  ULTRA MINIATURE STRATUM 3E MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E-077.76M 데이터시트(HTML) 3 Page - Connor-Winfield Corporation

  SM3E-077.76M Datasheet HTML 1Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 2Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 3Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 4Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 5Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 6Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 7Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 8Page - Connor-Winfield Corporation SM3E-077.76M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet #: TM054
Page 3 of 36 Rev: 02
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Specifications for Ultra Miniature Stratum 3E
Table 1
Parameter
Specification
Voltage
3.3V ± 5%
Power
3W Maximum during start up, 1.5W Typical @ room temperature
Reference Frequency 1 - 8
8 kHz - 77.76 MHz (Determined by customer's application)
CMOS Output Frequency #1
8 kHz - 77.76 MHz
M/S_Out
8 kHz
BITS_Clk
1.544/2.048 MHz (Selectable)
Master/Slave I/O
8 kHz
Input Reference Pulse Width
10 ns Min @ 8 kHz, 5 ns Min @ >8 kHz
Free Run Accuracy
4.6 ppm
Hold Over Accuracy
0.001 ppm
Hold Over Stability
0.012 ppm for the first 24 hours
Dimensions
2.05 x 1.25 x 0.75 inches (52.07 x 31.75 x 19.05 mm)
Pin Description
Table 2
Pin #
I/O
Pin Name
Pin Description
1
O
LOS
Alarm output - Loss of Active Reference Signal
2
O
LOL
Alarm Output - Loss of Lock
3
I
M/S REF
Master/Slave 8 kHz reference input
4
I
REF1
Reference Input 1 – 8 kHz to 77.76 MHz auto detected
5
I
REF2
Reference Input 2 – 8 kHz to 77.76 MHz auto detected
6
I
REF3
Reference Input 3 – 8 kHz to 77.76 MHz auto detected
7
I
REF4
Reference Input 4 – 8 kHz to 77.76 MHz auto detected
8
TDI
JTAG TDI pin
9
TMS
JTAG TMS pin
10
TRST
JTAG TRST pin
11
O
BITS_CLK
1.544 or 2.048 MHz output selected by pin 14
12
O
M/S_OUT
Master/Slave 8 kHz output
13
O
OUTPUT1
Synchronous Primary Output
14
VPP
Positive Programming Supply Pin. During normal operation, It is
recommended to float this pin.
15
REF5
Reference Input 5 – 8 kHz to 77.76 MHz auto detected
16
REF6
Reference Input 6 – 8 kHz to 77.76 MHz auto detected
17
REF8
Reference Input 8 – 8 kHz to 77.76 MHz auto detected
18
REF7
Reference Input 7 – 8 kHz to 77.76 MHz auto detected
19
VPN
Negative Programming Supply Pin. During normal operation, It is
recommended to float this pin.
20
I
T1/E1
BITS_CLK select input – 1=1.544 MHz, 0=2.048 MHz
21
O
HOLD_GOOD
Holdover Good Output Flag – 1=Holdover Available
22
TDO
JTAG TDO pin
23
TCK
JTAG TCK pin
24
GND
Module Ground
25
I
SPI_CLK
SPI Port Clock input
26
I
SPI_IN
SPI Port Data input
27
VCC
3.3 Vdc VCC Supply Input
28
I
SPI_ENBL
SPI Port Enable input – Active Low
29
I
RESET
Module Reset – Active Low
30
O
SPI_OUT
SPI Port Data Output
31
O
SPI_INT
SPI Port Interrupt Output
32
I
MASTER SELECT
Master/Slave select input – 1=Master, 0=Slave


유사한 부품 번호 - SM3E-077.76M

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results

유사한 설명 - SM3E-077.76M

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com