전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC3800 데이터시트(PDF) 7 Page - Connor-Winfield Corporation

부품명 STC3800
상세설명  INTEGRATED - STRATUM 3E TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3800 데이터시트(HTML) 7 Page - Connor-Winfield Corporation

Back Button STC3800 Datasheet HTML 3Page - Connor-Winfield Corporation STC3800 Datasheet HTML 4Page - Connor-Winfield Corporation STC3800 Datasheet HTML 5Page - Connor-Winfield Corporation STC3800 Datasheet HTML 6Page - Connor-Winfield Corporation STC3800 Datasheet HTML 7Page - Connor-Winfield Corporation STC3800 Datasheet HTML 8Page - Connor-Winfield Corporation STC3800 Datasheet HTML 9Page - Connor-Winfield Corporation STC3800 Datasheet HTML 10Page - Connor-Winfield Corporation STC3800 Datasheet HTML 11Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Preliminary Data Sheet #: TM061
Page 7 of 48
Rev: P06 Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Register Map continued
Table 4
Address
Reg Name
Description
Type
0x06
Max_Pullin_Range
Maximum pull-in range in 0.1 ppm units
R/W
0x07
Xref_Activity
Cross Reference activity and frequency
R
0x08
Ref_Activity
Activities of 8 reference inputs
R
0x09
Ref_Pullin_Sts
In or out of pull-in range of 8 reference inputs
R
0x0a
Ref_Qualified
Qualification of 8 reference inputs
R
0x0b
Ref_Mask
Availability mask for 8 reference inputs
R/W
0x0c
Ref_Available
Availability of 8 reference inputs
R
0x0d
Ref_Rev_Delay
Reference reversion delay time, 0 - 255 minutes
R/W
0x0e
MS_Phase_Offset
Phase offset between Xref & Sync_8K
R/W
(for the slave in M/S Operation)
, in 250 pS resolution
0x0f
Calibration
Digital Free Run clock calibration in 0.05 ppm resolution
R/W
0x10
Fr_Pulse_Width
Frame and multi-frame sync pulse width
R/W
0x11
DPLL_Status
Digital Phase Locked Loop status
R
0x12
Intr_Event
Interrupt events
R
0x13
Intr_Enable
Enable individual interrupt events
R/W
0x14
Ref1_Frq_Offset
Ref1 frequency offset in 0.2 ppm resolution
R
0x15
Ref2_Frq_Offset
Ref2 frequency offset in 0.2 ppm resolution
R
0x16
Ref3_Frq_Offset
Ref3 frequency offset in 0.2 ppm resolution
R
0x17
Ref4_Frq_Offset
Ref4 frequency offset in 0.2 ppm resolution
R
0x18
Ref5_Frq_Offset
Ref5 frequency offset in 0.2 ppm resolution
R
0x19
Ref6_Frq_Offset
Ref6 frequency offset in 0.2 ppm resolution
R
0x1a
Ref7_Frq_Offset
Ref7 frequency offset in 0.2 ppm resolution
R
0x1b
Ref8_Frq_Offset
Ref8 frequency offset in 0.2 ppm resolution
R
0x1c
Ref1_Frq_Priority
Ref1 frequency and priority
R/W
0x1d
Ref2_Frq_Priority
Ref2 frequency and priority
R/W
0x1e
Ref3_Frq_Priority
Ref3 frequency and priority
R/W
0x1f
Ref4_Frq_Priority
Ref4 frequency and priority
R/W
0x20
Ref5_Frq_Priority
Ref5 frequency and priority
R/W
0x21
Ref6_Frq_Priority
Ref6 frequency and priority
R/W
0x22
Ref7_Frq_Priority
Ref7 frequency and priority
R/W
0x23
Ref8_Frq_Priority
Ref8 frequency and priority
R/W
0x24
Free Run_Priority
Control and priority for designation of Free Run as a reference
R/W
0x25
History_Policy
Sets policy for Hold Over history accumulation
R/W
0x26
History_Cmd
Save, restore, and flush commands for Hold Over History
R/W
0x27
Hold Over_Time
Indicates the time since entering the Hold Over state
R
0x30
Cfgdata
Configuration data write register
R/W
0x31
Cfgctr_Lo
Configuration data write counter, low byte
R
0x32
Cfgctr_Hi
Configuration data write counter, high byte
R
0x33
Chksum
Configuration data checksum pass/fail indicator
R
0x36
EE_Wrt_Mode
Disables/Enables writing to the external EEPROM
R/W
0x37
EE_Cmd
Read/Write command and ready indication register for external EEPROM Access R/W
0x38
EE_Page_Num
Page number for external EEPROM access
R/W
0x39
EE_FIFO_Port
Read/Write data for external EEPROM access
R/W


유사한 부품 번호 - STC3800

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
More results

유사한 설명 - STC3800

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com