전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HV857 데이터시트(PDF) 6 Page - Supertex, Inc

부품명 HV857
상세설명  High Voltage EL Lamp Driver for Low Noise Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857 데이터시트(HTML) 6 Page - Supertex, Inc

Back Button HV857 Datasheet HTML 2Page - Supertex, Inc HV857 Datasheet HTML 3Page - Supertex, Inc HV857 Datasheet HTML 4Page - Supertex, Inc HV857 Datasheet HTML 5Page - Supertex, Inc HV857 Datasheet HTML 6Page - Supertex, Inc HV857 Datasheet HTML 7Page - Supertex, Inc HV857 Datasheet HTML 8Page - Supertex, Inc HV857 Datasheet HTML 9Page - Supertex, Inc HV857 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
HV857
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/14/01rev.10
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Split Supply Configuration
The HV857 can also be used for handheld devices operating
from a battery where a regulated voltage is available. This is
shown in Figure 2. The regulated voltage can be used to run
the internal logic of the HV857. The amount of current neces-
sary to run the internal logic is 150µA Max at a VDD of 3.0V.
Therefore, the regulated voltage could easily provide the
current without being loaded down.
Figure 2: Split Supply and Enable/Disable Configuration
Enable/Disable Configuration
The HV857 can be easily enabled and disabled via a logic control
signal on the R
SW and REL resistors as shown in Figure 2 below.
The control signal can be from a microprocessor. R
SW and REL
are typically very high values. Therefore, only 10’s of microam-
peres will be drawn from the logic signal when it is at a logic high
(enable) state. When the microprocessor signal is high the
device is enabled and when the signal is low, it is disabled.
EL Lamp
+
_
CS
1
2
3
4
8
6
5
HV857MG
7
Battery Voltage=VIN
VDD
RSW-osc
REL-osc
Gnd
LX
CS
VB
VA
LX
CIN
Regulated Voltage=VDD
Enable Signal
ON=VDD
OFF=0


유사한 부품 번호 - HV857

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
HV857 SUTEX-HV857 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV857K7-G SUTEX-HV857K7-G Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857K7-G SUTEX-HV857K7-G Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

유사한 설명 - HV857

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
HV859 SUTEX-HV859 Datasheet
269Kb / 6P
   High Voltage EL Lamp Driver for Low Noise Applications
HV859 SUTEX-HV859_13 Datasheet
858Kb / 8P
   High Voltage EL Lamp Driver for Low Noise Applications
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com