전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD9944TG 데이터시트(PDF) 2 Page - Supertex, Inc

부품명 TD9944TG
상세설명  Dual N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TD9944TG 데이터시트(HTML) 2 Page - Supertex, Inc

  TD9944TG Datasheet HTML 1Page - Supertex, Inc TD9944TG Datasheet HTML 2Page - Supertex, Inc TD9944TG Datasheet HTML 3Page - Supertex, Inc TD9944TG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TD9944
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
240
V
VGS = 0V, ID = 2mA
VGS(th)
Gate Threshold Voltage
0.6
2.0
V
VGS = VDS, ID= 1mA
∆VGS(th)
Change in VGS(th) with Temperature
-5.0
mV/°CVGS = VDS, ID= 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1.0
mA
VGS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
0.5
1.9
VGS = 4.5V, VDS = 25V
1.0
2.8
VGS = 10V, VDS = 25V
RDS(ON)
4.0
6.0
VGS = 4.5V, ID = 250mA
4.0
6.0
VGS = 10V, ID = 0.5A
∆RDS(ON)
Change in RDS(ON) with Temperature
1.4
%/°CVGS = 10V, ID = 0.5A
GFS
Forward Transconductance
300
600
m
VDS = 25V, ID = 0.5A
CISS
Input Capacitance
65
125
COSS
Common Source Output Capacitance
35
70
pF
CRSS
Reverse Transfer Capacitance
10
25
td(ON)
Turn-ON Delay Time
10
tr
Rise Time
10
td(OFF)
Turn-OFF Delay Time
20
tf
Fall Time
20
VSD
Diode Forward Voltage Drop
1.8
V
VGS = 0V, ISD = 1.0A
trr
Reverse Recovery Time
300
ns
VGS = 0V, ISD = 1.0A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Electrical Characteristics (each device, @ 25°C unless otherwise specified)
Static Drain-to-Source
ON-State Resistance
VGS = 0V, VDS = 25V
f = 1 MHz
VDD = 25V,
ns
ID = 1.0A,
RGEN = 25Ω
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Switching Waveforms and Test Circuit


유사한 부품 번호 - TD9944TG

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TD9944TG-G SUTEX-TD9944TG-G Datasheet
494Kb / 6P
   Dual N-Channel Enhancement-Mode Vertical DMOS FET
More results

유사한 설명 - TD9944TG

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com