전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDV303N 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KDV303N
상세설명  Digital FET, N-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDV303N 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDV303N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kexin.com.cn
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS = 0 V, ID = 250 μA
25
V
VDS =20 V, VGS = 0 V
1
μA
VDS =20 V, VGS = 0 V,TJ=55℃
10
μA
Gate-Body Leakage Current,Forward
IGSSF
VGS = 8V, VDS = 0 V
100
nA
Gate-Body Leakage Current,Reverse
IGSSR
VGS = -8 V, VDS = 0 V
-100
nA
Gate Threshold Voltage *
VGS(th)
VDS = VGS, ID = 250 μA
0.65
0.8
1.5
V
VGS = 4.5V, ID =0.5A
0.33
0.45
Ω
VGS = 4.5V, ID = 0.2A, TJ =125℃
0.52
0.8
Ω
VGS = 2.7V, ID =0.2 A
0.44
0.6
Ω
On-State Drain Current *
ID(on)
VGS = 2.7 V, VDS =5 V
0.5
A
Forward Transconductance *
gFS
VDS = 5V, ID = 0.5 A
1.45
S
Input Capacitance
Ciss
VDS = 10 V,
50
pF
Output Capacitance
Coss
VGS = 0 V,
28
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
9
pF
Turn-On Delay Time
td(on)
VDD = 6V, ID =0.5A,
3
6
ns
Turn-On Rise Time
tr
VGS = 4.5V, RGEN = 50Ω
8.5
18
ns
Turn-Off Delay Time
td(off)
17
30
ns
Turn-Off Fall Time
tf
13
25
ns
Total Gate Charge
Qg
VDS = 5 V, ID = 0.5A,
1.64
2.3
nC
Gate-Source Charge
Qgs
VGS = 4.5V,
0.38
nC
Gate-Drain Charge
Qgd
0.45
nC
Maximum Continuous Drain-Source Diode
Forward Current
IS
0.3
A
Drain-Source Diode ForwardVoltage
VSD
VGS = 0 V, IS = 0.5 A
0.83
1.2
V
Zero Gate Voltage Drain Current
IDSS
* Pulse Test: Pulse Width < 300μs, Duty Cycle < 2.0%.
RDS(on)
Static Drain-Source On-Resistance*
KDV303N
SMD Type
IC
SMD Type
MOSFET


유사한 부품 번호 - KDV303N

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV300 KEC-KDV300 Datasheet
349Kb / 1P
   USC PACKAGE
KDV300E KEC-KDV300E Datasheet
10Kb / 1P
   ESC PACKAGE
KDV300E KEC-KDV300E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV300V KEC-KDV300V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV301E KEC-KDV301E Datasheet
10Kb / 1P
   ESC PACKAGE
More results

유사한 설명 - KDV303N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
   Digital FET, N-Channel
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
   Digital FET , N-Channel
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com