전자부품 데이터시트 검색엔진 |
|
2SK3065 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2SK3065 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
1 / 1 page SMD Type MOSFET 1 www.kexin.com.cn 1.80+0.1 -0.1 4.50+0.1 -0.1 0.53+0.1 -0.1 0.48+0.1 -0.1 1.50+0.1 -0.1 0.44+0.1 -0.1 3.00+0.1 -0.1 SOT-89 Unit: mm 1. Base 2. Collector 3. Emiitter 1. Source 2. Drain 3. Gate 1 2 3 1Gate 2Drain 3Source Silicon N-Channel MOSFET 2SK3065 Features Low on resistance. High-speed switching. Optimum for a pocket resource etc. because of undervoltage actuation (2.5V actuation). Driving circuit is easy. Easy to use parallel. It is strong to an electrostatic discharge. Absolute Maximum Ratings Ta = 25 Parameter Symbol Rating Unit Drain to source voltage VDSS 60 V Gate to source voltage VGSS 20 V ID 2 A Idp * 8 A Power dissipation TC=25 PD 0.5 W Channel temperature Tch 150 Storage temperature Tstg -55to+150 *PW 10 s,Duty Cycle 1% Drain current Electrical Characteristics Ta = 25 Parameter Symbol Testconditons Min Typ Max Unit Drain to source breakdown voltage VDSS ID=1mA,VGS=0 60 V Drain cut-off current IDSS VDS=60V,VGS=0 10 A Gate leakage current IGSS VGS= 20V,VDS=0 10 A Gate threshold voltage VGS(th) VDS=10V,ID=1mA 0.8 1.5 V Forward transfer admittance Yfs VDS=10V,ID=1A 1.5 S VGS=4V,ID=1A 0.25 0.32 VGS=2.5V,ID=1A 0.35 0.45 Input capacitance Ciss 160 pF Output capacitance Coss 85 pF Reverse transfer capacitance Crss 25 pF Turn-on delay time ton 20 ns Rise time tr 50 ns Turn-off delay time toff 120 ns Fall time tf 70 ns VDS=10V,VGS=0,f=1MHZ ID=1A,VGS(on)=4V,RL=30 ,VDD=30V,RG=10 Drain to source on-state resistance RDS(on) Marking Marking KE |
유사한 부품 번호 - 2SK3065 |
|
유사한 설명 - 2SK3065 |