전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4421 데이터시트(PDF) 4 Page - TelCom Semiconductor, Inc

부품명 TC4421
상세설명  9A HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4421 데이터시트(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4421 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-234
TELCOM SEMICONDUCTOR, INC.
TC4421
TC4422
9A HIGH SPEED MOSFET DRIVERS
TYPICAL CHARACTERISTICS
220
200
180
160
140
120
100
80
60
40
20
0
46
8
10
12
14
16
18
Rise Time vs. Supply Voltage
V
DD
1000 pF
4700 pF
10,000 pF
22,000 pF
5V
15V
300
250
200
150
100
50
0
Rise TIme vs. Capacitive Load
100
1000
10,000
100,000
10V
90
Rise and Fall Times vs. Temperature
60
40
30
t RISE
t FALL
70
50
80
–40
0
40
80
120
(°C)
50
810
12
14
16
18
4
VDD
Propagation Delay vs. Supply Voltage
45
40
35
30
25
tD2
tD1
6
C
= 1000 pF
LOAD
180
160
140
120
100
80
60
40
20
0
4
6
8
10
1214
1618
Fall Time vs. Supply Voltage
VDD
1000 pF
4700 pF
10,000 pF
22,000 pF
300
250
200
150
100
50
0
Fall TIme vs. Capacitive Load
100
1000
10,000
5V
10V
15V
CLOAD (pF)
CLOAD (pF)
= 10,000 pF
LOAD
V
= 15V
DD
C
TA
100,000


유사한 부품 번호 - TC4421

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421 MICROCHIP-TC4421 Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

유사한 설명 - TC4421

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com