전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1484K 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SD1484K
상세설명  Medium Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1484K 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1484K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Medium Power Transistor
2SD1484K
Features
High current.(IC=5A).
Low saturation voltage, typically VCE(sat)=0.1V at IC /IB=150mA / 15mA.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current *
IC
0.5
A
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=100ìA
50
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA
50
V
Emitter-base breakdown voltage
BVEBO
IE=100ìA
5
V
Collector cutoff current
ICBO
VCB=30V
0.5
ìA
Emitter cutoff current
IEBO
VEB=4V
0.5
ìA
Collector-emitter saturation voltage
VCE(sat) IC/IB=150mA/15mA
0.4
V
DC current transfer ratio
hFE
VCE=3V, IC=0.01A
120
390
Output capacitance
fT
VCE=5V, IE= -20mA, f=100MHz
250
MHz
Transition frequency
Cob
VCB=10V, IE=0A, f=1MHz
6.5
pF
hFE Classification
Marking
YQ
YR
hFE
120
270
180
390


유사한 부품 번호 - 2SD1484K

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1484K ROHM-2SD1484K Datasheet
42Kb / 3P
   Medium Power Transistor (50V, 0.5A)
2SD1484K ROHM-2SD1484K Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
logo
Foshan Blue Rocket Elec...
2SD1484K FOSHAN-2SD1484K Datasheet
707Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Rohm
2SD1484K ROHM-2SD1484K Datasheet
112Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1484KT146R ROHM-2SD1484KT146R Datasheet
81Kb / 3P
   Medium Power Transistor (50V,0.5A)
More results

유사한 설명 - 2SD1484K

제조업체부품명데이터시트상세설명
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com