전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1202 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1202
상세설명  Power Amplifier Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1202 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1202 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1202 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Power Amplifier Applications
2SA1202
Features
Suitable for Driver of 30 to 35 Watts Audio Amplifier
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SC2882
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = -80V , IE =0
-0.1
ìA
Emitter Cut-off Current
IEBO
VEB =-5V , IC =0
-0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC = -10mA , IB =0
-80
V
DC Current Gain
hFE
IE =-2mA , IC = -50mA
70
240
Collector-Emitter Saturation Voltage
VCE(sat) IC = -200mA , IB = -20mA
-0.4
V
Base-Emitter Voltage
VBE
VCE =-2V , IC = -5mA
-0.55
-0.8
V
Transition Frequency
fT
VCE = -10V , IC = -10mA
120
MHz
Collector Output Capacitance
Cob
VCB = -10V , IE =0, f =1MHz
14
pF
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-400
mA
Base Current
IB
-80
mA
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW


유사한 부품 번호 - 2SA1202

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1202 TOSHIBA-2SA1202 Datasheet
153Kb / 2P
   TRANSISTOR (POWER, VOLTAGE AMPLIFIER APPLICATIONS)
2SA1202 TOSHIBA-2SA1202 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA1202 NJSEMI-2SA1202 Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
logo
Toshiba Semiconductor
2SA1202 TOSHIBA-2SA1202 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - 2SA1202

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com