전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7116A 데이터시트(PDF) 1 Page - TelCom Semiconductor, Inc

부품명 TC7116A
상세설명  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116A 데이터시트(HTML) 1 Page - TelCom Semiconductor, Inc

  TC7116A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116A Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3-203
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
VREF
+
TC7116/A
9V
VREF
33
34
24 k
1 k
31
29
36
39
38
40
0.47 µF
0.1 µF
V
1
OSC
3
OSC
2
OSC
TO ANALOG
COMMON (PIN 32)
3 CONVERSIONS/SEC
COSC
100 k
47 k
0.22 µF
0.01 µF
ANALOG
INPUT
+
CREF
CREF
+
VIN
+
VIN
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
35
SEGMENT
DRIVE
2–19
22–25
POL
BP/GND
V
+
MINUS SIGN
BACKPLANE
DRIVE
28
ROSC 100 pF
LCD DISPLAY (TC7116/7116A)
OR COMMON ANODE LED
DISPLAY (TC7117/7117A)
1 M
27
30
32
HLDR
DISPLAY
HOLD
100 mV
1
26
TC7117/A
+
FEATURES
s Low Temperature Drift Internal Reference
TC7116/TC7117 ............................. 80 ppm/
°C Typ
TC7116A/TC7117A ........................ 20 ppm/
°C Typ
s Display Hold Function
s Directly Drives LCD or LED Display
s Guaranteed Zero Reading With Zero Input
s Low Noise for Stable
Display ......... 2V or 200 mV Full-Scale Range (FSR)
s Auto-Zero Cycle Eliminates Need for Zero
Adjustment Potentiometer
s True Polarity Indication for Precision Null
Applications
s Convenient 9V Battery Operation
(TC7116/TC7116A)
s High Impedance CMOS Differential Inputs .... 1012
s Low Power Operation .................................... 10 mW
GENERAL DESCRIPTION
The TC7116A/TC7117A are 3-1/2 digit CMOS analog-
to-digital converters (ADCs) containing all the active
components necessary to construct a 0.05% resolution
measurement system. Seven-segment decoders, polarity
and digit drivers, voltage reference, and clock circuit are
integrated on-chip. The TC7116A drives liquid crystal
displays (LCDs) and includes a backplane driver. The
TC7117A drives common anode light emitting diode (LED)
displays directly with an 8-mA drive current per segment.
These devices incorporate a display hold (HLDR)
function. The displayed reading remains indefinitely, as
long as HLDR is held high. Conversions continue, but
output data display latches are not updated. The reference
low input (V
REF) is not available as it is with the TC7106/
7107. V
REF is tied internally to analog common in the
TC7116A/7117A devices.
The TC7116A/7117A reduces linearity error to less
than 1 count. Roll-over error (the difference in readings for
equal magnitude but opposite polarity input signals) is
below
±1 count. High-impedance differential inputs offer 1
pA leakage current and a 1012
Ω input impedance. The 15
µVP-P noise performance guarantees a “rock solid” reading.
The auto-zero cycle guarantees a zero display reading with
a 0V input.
The TC7116A and TC7117A feature a precision, low-
drift internal reference, and are functionally identical to the
TC7116/TC7117. A low-drift external reference is not
normally required with the TC7116A/TC7117A.
AVAILABLE PACKAGES
40-Pin Plastic
DIP
40-Pin CerDIP
44-Pin Plastic Quad Flat
Package Formed Leads
44-Pin Plastic Chip
Carrier PLCC
Package
Temperature
Code
Package
Range
CKW
44-Pin PQFP
0
°C to +70°C
CLW
44-Pin PLCC
0
°C to +70°C
CPL
40-Pin Plastic DIP
0
°C to +70°C
IJL
40-Pin CerDIP
– 25
°C to +85°C
Figure 1. Typical TC7116/A/7/A Operating Circuit
TC7116
TC7116A
TC7117
TC7117A
TC7116/A/7117/A-7 10/18/96
ORDERING INFORMATION
PART CODE
TC711X X X XXX
6 = LCD
7 = LED
A or blank*
R (reversed pins) or blank (CPL pkg. only)
* "A" parts have an improved reference TC
Package Code (see below):
}


유사한 부품 번호 - TC7116A

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC7116A MICROCHIP-TC7116A Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116A MICROCHIP-TC7116A Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116A MICROCHIP-TC7116A Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116ACKW MICROCHIP-TC7116ACKW Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116ACLW MICROCHIP-TC7116ACLW Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
More results

유사한 설명 - TC7116A

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com