전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2PA1576R 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2PA1576R
상세설명  PNP General Purpose Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PA1576R 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2PA1576R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP General Purpose Transistor
2PA1576
Features
Low current (max. 100 mA)
Low voltage (max. 40 V).
Low collector capacitance (typ. 2.5 pF).
1 Emitter
2 Base
3 Collector
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Peak collector current
ICM
-200
mA
Peak base current
IBM
-200
mA
Total power dissipation
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65to+150
thermal resistance from junction to ambient
Rth j-a
625
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = -30 V
-100
nA
IE =0; VCB =-30 V; Tj = 150
-5
ìA
Emitter cut-off current
IEBO
IC =0; VEB = -4 V
-100
nA
DC current gain
2PA1576Q
2PA1576R
2PA1576S
hFE
IC =-1mA; VCE =-6V
120
180
270
270
390
560
Collector-emitter saturation voltage
VCE(sat) IC =-50 mA; IB = -5 mA; *
-500
mV
Collector capacitance
Cc
IE =ie=0; VCB = -12 V; f = 1 MHz
2.5
3.5
pF
Transition frequency
fT
IC =-2mA; VCE = -12 V; f = 100 MHz
100
MHz
* Pulse test: tp
300 ìs; ä
0.02.
ICBO
Collector cut-off current
hFE Classification
TYPE
2PA1576Q
2PA1576R
2PA1576S
Marking
FQ
FR
FS


유사한 부품 번호 - 2PA1576R

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2PA1576R NXP-2PA1576R Datasheet
91Kb / 7P
   PNP general-purpose transistor
Rev. 06-17 November 2009
2PA1576R PHILIPS-2PA1576R Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
logo
Nexperia B.V. All right...
2PA1576R NEXPERIA-2PA1576R Datasheet
207Kb / 7P
   PNP general-purpose transistor
1 January 2023
2PA1576R NEXPERIA-2PA1576R Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
2PA1576R-Q NEXPERIA-2PA1576R-Q Datasheet
188Kb / 8P
   PNP general-purpose transistor
19 August 2022
More results

유사한 설명 - 2PA1576R

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com