전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV249 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 1SV249
상세설명  PIN Diode for VHF,UHF,AGC Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SV249 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SV249 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
PIN Diode for VHF,UHF,AGC Applications
1SV249
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
R e v e rs e V oltage
V R
50
V
F o rw ard C urrent
IF
50
m A
A llo w able P ow er D issipatio n
P
100
m W
Junction T e m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
Features
Very small-sized package facilitates high-density mounting and permits
1SV249-applied equipment to be made smaller.
Small interterminal capacitance (C=0.23pF typ).
Small forward series resistance (rs=4.5
typ).
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Min
Typ
Max
Unit
Reverse Voltage
VR
IR =10
A
50
V
Reverse Current
IR
VR =50V
0.1
A
Forward Voltage
VF
IF =50m A
0.95
V
Interterm inal Capacitance
C
VR = 50 V, f = 1 MHz
0.23
pF
Series Resistance
rs
IF = 10 m A,f = 100 MHz
4.5
Marking
Marking
GV


유사한 부품 번호 - 1SV249

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV249 SANYO-1SV249 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV249 SANYO-1SV249 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
logo
ON Semiconductor
1SV249 ONSEMI-1SV249 Datasheet
261Kb / 6P
   PIN Diode
September, 2013
1SV249-TL-E ONSEMI-1SV249-TL-E Datasheet
261Kb / 6P
   PIN Diode
September, 2013
logo
Sanyo Semicon Device
1SV249 SANYO-1SV249_12 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results

유사한 설명 - 1SV249

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267_12 Datasheet
359Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com