전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV272 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 1SV272
상세설명  Transmitting Receiving Antenna-switch Use PIN Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SV272 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SV272 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Transmitting Receiving Antenna-switch Use PIN Diode
1SV272
Features
Series connection of 2 elements in a very smallsized package facilitates high-density
mounting and permits 1SV272 applied equipment to be made smaller.
Small interterminal capacitance (C=0.6pF typ).
Small forward series resistance (rs=0.5
typ).
Absolute M axim um R atings T a = 25
P aram eter
S ym bol
V alue
U nit
R everse V oltage
V R
50
V
Forward C urrent
IF
100
m A
A llowable P ower D issipation
P
150
m W
Junction Tem perature
Tj
125
S torage tem perature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Min
Typ
Max
Unit
Reverse Voltage
VR
IR =10
A
50
V
Reverse Current
IR
VR =45 V
0.5
A
Forward Voltage
VF
IF = 100 m A
0.87
1.0
V
Interterm inal Capacitance
C
VR =40 V, f =1 MHz
0.6
1.0
pF
Series Resistance
rs
IF = 50 m A,f = 470 MHz
0.5
0.7
Marking
Marking
MV


유사한 부품 번호 - 1SV272

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV272 SANYO-1SV272 Datasheet
69Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
More results

유사한 설명 - 1SV272

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV268 SANYO-1SV268 Datasheet
70Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
1SV272 SANYO-1SV272 Datasheet
69Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
logo
Sharp Corporation
GP1F31T SHARP-GP1F31T Datasheet
128Kb / 8P
   Light Transmitting/Receiving Units
logo
SHENZHEN FUMAN ELECTRON...
SCTX8IR FUMAN-SCTX8IR Datasheet
117Kb / 5P
   Infrared frequency three-car remote control receiving/transmitting IC
SCTX8A FUMAN-SCTX8A Datasheet
301Kb / 6P
   Same frequency three-car remote control receiving/transmitting IC
SCTX8 FUMAN-SCTX8 Datasheet
131Kb / 5P
   Same frequency three-car remote control receiving/transmitting IC
logo
AUK corp
SDP540Q AUK-SDP540Q Datasheet
181Kb / 3P
   Antenna Switching Pin Diode
ND101 AUK-ND101 Datasheet
243Kb / 3P
   Antenna Switching Pin Diode
logo
NXP Semiconductors
95108 PHILIPS-95108 Datasheet
327Kb / 10P
   SUBMINIATURE TRANSMITTING PENTODE FOR USE IN RADIO SONDES
8.8.1959
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com