전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC850IJL 데이터시트(PDF) 7 Page - TelCom Semiconductor, Inc

부품명 TC850IJL
상세설명  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850IJL 데이터시트(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC850IJL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC850IJL Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
3-83
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
During the slow deintegrate phase, the internal VIN
+
node is now connected to the CREF2 capacitor, and the
residual charge on the integrator capacitor is further dis-
charged a maximum of 64 clock pulses. At this point, the
analog input voltage has been converted with 15 bits of
resolution.
If the analog input is greater than full scale, the TC850
performs up to three overrange deintegrate subphases.
Each subphase occupies a maximum of 64 clock pulses.
The overrange feature permits analog inputs up to 192 LSBs
greater than full scale to be correctly converted. This feature
permits the user to digitally null up to 192 counts of input
offset, while retaining full 15-bit resolution.
In addition to 512 counts of fast, 64 counts of slow, and
192 counts of overrange deintegrate, the reference-inte-
grate phase uses 10 clock pulses to permit internal nodes to
settle. Therefore, the reference integrate cycle occupies 778
clock pulses.
Pin Description (Analog)
Differential Inputs (IN+ and IN)
The analog signal to be measured is applied at the IN+
and INinputs. The differential input voltage must be within
the common-mode range of the converter. The input com-
mon-mode range extends from VDD –1.5V to VSS +1.5V.
Within this common-mode voltage range, an 86 dB CMRR
is typical.
The integrator output also follows the common-mode
voltage. The integrator output must not be allowed to satu-
rate. A worst-case condition exists, for example, when a
large, positive common-mode voltage with a near full-scale
negative differential input voltage is applied. The negative
input signal drives the integrator positive when most of its
available swing has been used up by the positive common-
mode voltage. For applications where maximum common-
mode range is critical, integrator swing can be reduced. The
integrator output can swing within 0.4V of either supply
without loss of linearity.
Reference-Integrate Phase
During reference-integrate phase, the charge stored on
the integrator capacitor is discharged. The time required to
discharge the capacitor is proportional to the analog input
voltage.
The reference integrate phase is divided into three
subphases: (1) fast, (2) slow, and (3) overrange deintegrate.
During fast deintegrate, VIN
is internally connected to
analog common and VIN
+ is connected across the previously-
charged reference capacitor (CREF1). The integrator capaci-
tor is rapidly discharged for a maximum of 512 internal clock
pulses, yielding 9 bits of resolution.
tSI =
× 256
4
fOSC
Figure 4. Conversion Timing
Zero-Integrator Phase
During the zero-integrator phase, the differential input
signal is disconnected from the circuit by opening internal
analog gates. The internal nodes are shorted to analog
common (ground) to establish a zero-input condition. At the
same time, a feedback loop is closed around the input buffer,
integrator, and comparator. The feedback loop ensures the
integrator output is near 0V before the signal-integrate
phase begins.
During this phase, a chopper-stabilization technique is
used to cancel offset errors in the input buffer, integrator,
and comparator. Error voltages are stored on the CBUFF,
CINT, and COMP capacitors. The zero-integrate phase
requires 246 clock cycles.
Signal-Integrate Phase
The zero-integrator loop is opened and the internal
differential inputs are connected to IN+ and IN. The differ-
ential input signal is integrated for a fixed time period. The
TC850 signal-integrate period is 256 clock periods, or counts.
The crystal oscillator frequency is
4 before clocking the
internal counters.
The integration time period is:
CONVERSION
PHASE
INTERNAL
CLOCK
SIGNAL
INTEGRATE
ZERO INTEGRATOR
REFERENCE INTEGRATE
1280 CLOCK CYCLES
246
256
778
. . . . . . .
. . . . . . . . . . . .
. .
TC850
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER


유사한 부품 번호 - TC850IJL

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC850IJL MICROCHIP-TC850IJL Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
More results

유사한 설명 - TC850IJL

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Exar Corporation
MP7533 EXAR-MP7533 Datasheet
83Kb / 8P
   15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com