전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDD3670 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KDD3670
상세설명  100V N-Channel PowerTrench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDD3670 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KDD3670 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDD3670 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1. Gate
2. Drain
3. Source
100V N-Channel PowerTrench MOSFET
KDD3670
Features
34 A, 100 V. RDS(ON) = 32m
@VGS =10V
RDS(ON) = 35m
@VGS =6V
Low gate charge (57 nC typical)
Fast switching speed
High performance trench technology for extremely low RDS(ON)
High power and current handling capability
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to Source Voltage
VDSS
100
V
Gate to Source Voltage
VGS
20
V
Drain Current Continuous (Note 1)
34
A
Drain Current Pulsed
100
A
Power dissipation @ TC=25
(Note 1)
83
Power dissipation @ Ta=25
(Note 1a)
3.8
Power dissipation @ Ta=25
(Note 1b)
1.6
Operating and Storage Temperature
TJ,TSTG
-55to175
Thermal Resistance Junction to Case
R JC
1.8
/W
Thermal Resistance Junction to Ambient
R JA
96
/W
ID
PD
W


유사한 부품 번호 - KDD3670

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KDD3680 KEXIN-KDD3680 Datasheet
63Kb / 2P
   100V N-Channel Power Trench MOSFET
More results

유사한 설명 - KDD3670

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com