전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDR8702H 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KDR8702H
상세설명  20V N & P-Channel PowerTrench MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDR8702H 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDR8702H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDR8702H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDR8702H Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
VGS =0V, ID =250
A
N-Ch
20
VGS =0V, ID =-250
A
P-Ch
-20
ID = 250
A, Referenced to 25
N-Ch
36
ID =-250
A, Referenced to 25
P-Ch
-15
VDS = 16V, VGS =0V
N-Ch
1
VDS =-16 V, VGS =0V
P-Ch
-1
VGS =
12 V, VDS =0V
N-Ch
100
VGS =
8V, VDS =0V
P-Ch
100
VDS =VGS,ID =250
A
N-Ch
0.6
0.8
1.5
VDS =VGS,ID =-250
A
P-Ch
-0.4
-0.7
-1.6
ID = 250
A, Referenced to 25
N-Ch
-2
ID =-250
A, Referenced to 25
P-Ch
2.5
VGS =4.5 V, ID =3.6A
31
38
VGS =2.5 V, ID =3.1 A
42
54
VGS =4.5 V, ID =3.6 A,TJ = 125
41
58
VGS =-4.5V, ID =-2.6 A
66
80
VGS =-2.5V, ID =-2.2 A
85
110
VGS =-4.5V, ID =-2.6 A,TJ = 125
83
108
VGS =4.5 V, VDS =5V
N-Ch
10
VGS =-4.5V, VDS =-5V
P-Ch
-10
VDS =VGS,ID =250
A
N-Ch
15
VDS =VGS,ID =-250
A
P-Ch
9
N-Ch
1
P-Ch
4.8
N-Channel
N-Ch
650
VDS =10V, VGS = 0 V,f = 1.0 MHz
P-Ch
607
N-Ch
170
P-Channel
P-Ch
165
VDS =-10 V, VGS = 0 V,f = 1.0 MHz
N-Ch
80
P-Ch
60
N-Channel
N-Ch
8
16
VDD =10V, ID = 1 A,
P-Ch
12
22
VGS =4.5 V, RGEN =6
N-Ch
9
18
P-Ch
11
20
P-Channel
N-Ch
16
29
VDD =-10 V, ID =-1A,
P-Ch
26
42
VGS =-4.5V, RGEN =6
N-Ch
7
14
P-Ch
8
16
VGS(th)
Gate Threshold Voltage
N-Ch
BVDSS
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature
Coefficient
Gate-Body Leakage
IGSS
IDSS
Zero Gate Voltage Drain Current
Gate Threshold Voltage Temperature
Coefficient
RDS(on)
Static Drain-Source On-Resistance
ID(on)
On-State Drain Current
RDS(on)
Static Drain-Source On-Resistance
gFS
Forward Transconductance
RG
Gate Resistance
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
td(on)
Turn-On Delay Time
tr
Turn-On Rise Time
td(off)
Turn-Off Delay Time
tf
Turn-Off Fall Time
P-Ch
V
mV/
A
nA
V
mV/
m
Testconditons
ns
ns
pF
pF
ns
ns
A
S
VGS =15mV, f = 1.0MHz
pF
KDR8702H


유사한 부품 번호 - KDR8702H

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
KDR COOPER-KDR Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDR EATON-KDR Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105 KEC-KDR105 Datasheet
21Kb / 1P
   USM PACKAGE
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
More results

유사한 설명 - KDR8702H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
   20V P-Channel PowerTrench MOSFET
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com