전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1483 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SK1483
상세설명  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1483 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1483 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
1. Source
2. Drain
3. Gate
1
2
3
1Gate
2Drain
3Source
MOS Field Effect Transistor
2SK1483
Features
Can be driven directly an IC operating with a 5V single power supply.
Low ON-state resistance
RDS(on)=0.8
MAX. At VGS=4V,ID=0.5A
RDS(on)=0.4
MAX. At VGS=10V,ID=0.5A
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
20
V
Drain current (DC)
ID
2.0
A
Drain current(pulse) *
ID
4.0
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10ms, duty cycle
5%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=30V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
5.0
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
0.9
1.2
1.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=0.5A
20
38
ms
VGS=4.0V,ID=0.5A
22
40
VGS=10V,ID=0.5A
14
20
Input capacitance
Ciss
8pF
Output capacitance
Coss
7pF
Reverse transfer capacitance
Crss
3pF
Turn-on delay time
td(on)
15
ns
Rise time
tr
50
ns
Turn-off delay time
td(off)
420
ns
Fall time
tf
240
ns
VDS=10V,VGS=0,f=1MHZ
ID=0.5A,VGS(on)=10V,RL=50
,VDD=25V,RG=10
Drain to source on-state resistance
RDS(on)
Marking
Marking
NB


유사한 부품 번호 - 2SK1483

제조업체부품명데이터시트상세설명
logo
NEC
2SK1483 NEC-2SK1483 Datasheet
281Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1483 RENESAS-2SK1483 Datasheet
507Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1990
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C-T1-AY RENESAS-2SK1483C-T1-AY Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C-T1-AZ RENESAS-2SK1483C-T1-AZ Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

유사한 설명 - 2SK1483

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com