전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-N40 데이터시트(PDF) 2 Page - Allen-Bradley

부품명 700-N40
상세설명  Solid-State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-N40 데이터시트(HTML) 2 Page - Allen-Bradley

  700-N40 Datasheet HTML 1Page - Allen-Bradley 700-N40 Datasheet HTML 2Page - Allen-Bradley 700-N40 Datasheet HTML 3Page - Allen-Bradley 700-N40 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bulletin 700-SF
Solid-State Relays
48
Accessories
➊ Bulletin 700-SF must use 700-HN114 series B retainer clip.
Description
Pkg. Qty.
Cat. No.
Factory-
stocked Item
Screw Terminal Socket — Panel or DIN Rail Mounting
8-blade miniature socket for use with DPDT HF relays. Order must be for
10 sockets or multiples of 10.
10
700-HN116
DIN Rail Mounting Pack
Standard 35 x 7.5 mm DIN Rail, 1 meter long, 10 rails per package. Order
must be for 10 rails or multiples of 10.
10
199-DR1
Pre-printed identification tags — contains 10 sheets of pre-printed and
blank tags. Each sheet contains 13 sets of the markings CR…9CR,
TR…9TR, M…9M, F, R, 1S, and 117 blank tags. Tags are peel-off with
sticky backing for easy placement on relays.
10
700-N40
Blank identification tags — contains 10 sheets of blank identification
tags for customer specialized printing. Each sheet contains 546 blank
tags. Tags are peel-off with sticky backing for easy placement on relays.
10
700-N41
Retainer Clip for Cat. No. 700-HN103 and -HN128 Sockets with
700-SF Relays and Cat. No. 700-HN116 Sockets
Secures relay in socket. Order must be for 10 clips or multiples of 10.
10
700-HN114B➊✔
Cat. No 700-HN116
Cat No. 199-DR1
Sample Retainer Clips


유사한 부품 번호 - 700-N40

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-N40 ALLEN-BRADLEY-700-N40 Datasheet
370Kb / 5P
   Solid-State Relays
700-N40 ALLEN-BRADLEY-700-N40 Datasheet
391Kb / 5P
   Solid-State Relays
700-N40 ALLEN-BRADLEY-700-N40 Datasheet
398Kb / 6P
   Solid-State Relays
More results

유사한 설명 - 700-N40

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com