전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-HN114B 데이터시트(PDF) 4 Page - Allen-Bradley

부품명 700-HN114B
상세설명  Solid-State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HN114B 데이터시트(HTML) 4 Page - Allen-Bradley

  700-HN114B Datasheet HTML 1Page - Allen-Bradley 700-HN114B Datasheet HTML 2Page - Allen-Bradley 700-HN114B Datasheet HTML 3Page - Allen-Bradley 700-HN114B Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bulletin 700-SF
Solid-State Relays
50
Specifications, Continued/Approximate Dimensions
Note: These data are non-repetitive. Keep the inrush current to half the rated value if it occurs repetitively. Inrush current resistivity is the ability of an SSR to
withstand a large surge current for a short period of time. Surges are considered non-repetitive (max. repeatability once every 2…5 seconds). Keep the inrush
current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will damage the SSR.
Inrush current resistivity is the ability of an SSR to withstand a large surge current for a short period of time. Surges are considered non-repetitive (max.
repeatability once every 2…5 seconds). Keep the inrush current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will
damage the SSR.
Approximate Dimensions
All units are in millimeters unless otherwise indicated. Dimensions are not intended for manufacturing purposes.
Note: The 700-SF is compatible with the 700-HN116 socket.
Basic Application Considerations of Bulletin 700-SF
High Density Mounting of Multiple SSRs
If multiple SSRs are mounted side by side be aware that the outer case wall of the SSR acts as a radiator. The SSR case serves to dissipate heat. Install the
relays so that they are adequately ventilated. If poor ventilation is unavoidable, reduce the load current by half.
Connection
For DC load switching, the 700-SF SSR will operate properly if the load is connected to either the positive or negative load terminals.
Protective Component To Extend SSR Life
When controlling AC inductive loads, connect an inrush/surge absorbing device (varistor) across the SSR load terminals. If the SSR has built-in surge
suppression (Bulletins 700-SE and 700-SH) and additional surge suppression is required, connect the varistor across the terminals of the load device . Select
a varistor that meets the conditions of the load voltage outlined in the table below.
Note: For additional details applying solid-state relays, refer to pub. number 700-AT001A-EN-E, Solid-State Relay Application Guide. Document available at
http://www.theautomationbookstore.com.
Load Voltage
Varistor Voltage
Varistor Surge Resistance
100…120V AC
240…270 V
1000 A min.
200…240V AC
440…470 V
380…480V AC
820…1000 V
700-SF
Ambient temperature (
°C)
700-SFZ… 700-SFT…
Energizing time (ms)
Energizing time (ms)
700-SFN…
Load Current vs. Ambient
Temperature Characteristics
Inrush Current Resistivity
Inrush Current Resistivity
Terminal Arrangement/
Internal Connections
(Bottom View)
1
3
5
7
2
4(+)
6(–)
8
+
+
(+)
(–)
Input
Load
Load
Input voltage
Note:
1. The plus and minus symbols
shown in the parentheses
are for DC loads.
2. The coil has no polarity.
28 max.
21.5 max.
36.5 max.
42.5 max.


유사한 부품 번호 - 700-HN114B

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-HN114B ALLEN-BRADLEY-700-HN114B Datasheet
391Kb / 5P
   Solid-State Relays
More results

유사한 설명 - 700-HN114B

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com