전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ530S 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SJ530S
상세설명  Hight Speed Power Switching
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ530S 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ530S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1Gate
2Drain
3Source
Hight Speed Power Switching
2SJ530S
Features
Low on-resistance
RDS(on) =0.08
typ.
High speed switching
4V gate drive devices.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
-60
V
Gate to source voltage
VGSS
20
V
Drain current (DC)
ID
-15
A
Drain current(pulse) *
ID
-60
A
Power dissipation
PD
30
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s, duty cycle
1%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain to source breakdown voltage
VDSS
ID=-10mA,VGS=0
-60
V
Gate to source breakdown voltage
VGSS
IG=
100
A,VDS=0
20
V
Drain cut-off current
IDSS
VDS=-60V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
16V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=-10V,ID=-1mA
-1.0
-2.0
V
Forward transfer admittance
Yfs
VDS=-10V,ID=-8A
6.5
11
S
VGS=-10V,ID=-8A
0.08
0.10
VGS=-4.0V,ID=-8A
0.11
0.16
Input capacitance
Ciss
850
pF
Output capacitance
Coss
420
pF
Reverse transfer capacitance
Crss
110
pF
Turn-on delay time
td(on)
12
ns
Rise time
tr
75
ns
Turn-off delay time
td(off)
125
ns
Fall time
tf
75
ns
Drain to source on-state resistance
RDS(on)
VDS=-10V,VGS=0,f=1MHZ
VGS(on)=-10V,ID=--8A ,RL=3.75


유사한 부품 번호 - 2SJ530S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ530S HITACHI-2SJ530S Datasheet
57Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ530S RENESAS-2SJ530S Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
2SJ530STL-E RENESAS-2SJ530STL-E Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ530STL-E VBSEMI-2SJ530STL-E Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - 2SJ530S

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ527S KEXIN-2SJ527S Datasheet
45Kb / 1P
   Hight Speed Power Switching
2SJ506S KEXIN-2SJ506S Datasheet
52Kb / 2P
   Hight Speed Power Switching
2SJ528S KEXIN-2SJ528S Datasheet
45Kb / 1P
   Hight Speed Power Switching
2SJ529S KEXIN-2SJ529S Datasheet
45Kb / 1P
   Hight Speed Power Switching
logo
Toshiba Semiconductor
SH400R28B TOSHIBA-SH400R28B Datasheet
195Kb / 4P
   Alloy-Free Hight Speed Thyristor(High Power Control Application)
logo
Rohm
SE2002-DC90A ROHM-SE2002-DC90A Datasheet
80Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2002-DC94A ROHM-SE2002-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2003-DC90A ROHM-SE2003-DC90A Datasheet
85Kb / 6P
   Hight Speed Thermal Printhead (8dots / mm)
SE2004-DC90A ROHM-SE2004-DC90A Datasheet
87Kb / 6P
   Hight Speed Thermal Printhead (8dots / mm)
NF2004-VA20A ROHM-NF2004-VA20A Datasheet
75Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com