전자부품 데이터시트 검색엔진 |
|
MC-ACT-16550-NET 데이터시트(PDF) 4 Page - Actel Corporation |
|
MC-ACT-16550-NET 데이터시트(HTML) 4 Page - Actel Corporation |
4 / 9 page Slave Only 5 4 3 2 1 0 HDWE_GC GC_RST GC_ADDR GC_BUSY Not Implemented Not Implemented Figure 4: Status Vector Bit 5 - HDWE_GC: Indicates the core has received the Hardware General Call instruction. Bit 4 - GC_RST: Indicates the core has received General Call instruction to reset and change its address. Bit 3 - GC_ADDR: Indicates the core has received General Call instruction to change its address. Bit 2 - GC_BUSY: Indicates the core is busy with a General Call access. Bit 1 - BUSLOSS: Indicates that this master lost the bus to another master before completion of the cycle. Bit 0 - SLAVE_TIMEOUT: Indicates that the addressed slave did not respond with a nack when required. Data Output Vector Applicable to the following core configurations: Master-Only Master-Slave Slave-Only Yes Yes Yes The bits in this vector are defined as follows: 7 6 5 4 3 2 1 0 DATA_OUT[7] DATA_OUT[6] DATA_OUT[5] DATA_OUT[4] DATA_OUT[3] DATA_OUT[2] DATA_OUT[1] DATA_OUT[0] Figure 5: Data Output Vector The data output vector (DATA_OUT[7:0]) contains the data from the receive shift register SHIFT REGISTER There is a single parallel-in, parallel-out, serial-in, serial-out shift register called NUPSHIFT, which performs the shifting of data for address cycles, write cycles, and read cycles. The parallel output drives the core interface pins DATA_OUT, which are used to return read data to the host. SYNCHRS The SDA and SCL inputs are passed through the Synchrs module that performs a dual-rank synchronization and glitch filtering when enabled by bit 46 of the configu- ration vector (CFG[46]). The MC-TWSI core treats both the SDA and SCL lines as data lines. The SDA line is actually sampled some number of clocks after the rising edge of SCL is de- tected. This allows for greater noise immunity and more robust operation. STATE MACHINE The control for the serial interface comes from the TWSI_SM_M, TWSI_SM_S, and GEN_CALL_SM state machines. These state machines control the loading and enabling of all shift registers and counters, and are responsible for implementing the basic interface protocol. Arbitration Before the MC-TWSI initiates either a start or repeated start condition, it samples the synchronized versions of SDA and SCL for BUSFREE_COUNT x clock periods of high values. If at any time either of these pins is detected in a low (driven) state, then the count starts over (it assumes that another master is on the bus). The automatic retrying to obtain the serial bus only occurs until the start command is issued. After that, the responsibility of the retry is left to software, since cycles may be of infinite length. After a start is issued and while the address or data is being written to the slave, the macro samples the data on the SDA pin while SCL is high. If a data mismatch is detected then the operation is aborted with an interrupt and a BUSLOSS status. This can also occur during burst reads whenever a NACK is intended to be issued and an ACK is detected instead. |
유사한 부품 번호 - MC-ACT-16550-NET |
|
유사한 설명 - MC-ACT-16550-NET |