전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APA1000-FFGG1152I 데이터시트(PDF) 77 Page - Actel Corporation

부품명 APA1000-FFGG1152I
상세설명  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

APA1000-FFGG1152I 데이터시트(HTML) 77 Page - Actel Corporation

Back Button APA1000-FFGG1152I Datasheet HTML 73Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 74Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 75Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 76Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 77Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 78Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 79Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 80Page - Actel Corporation APA1000-FFGG1152I Datasheet HTML 81Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.7
1-71
Synchronous FIFO Write
Note: The plot shows the normal operation status.
Figure 1-47 • Synchronous FIFO Write
Table 1-65 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
DCH
DI hold from WCLKS
0.5
ns
DCS
DI setup to WCLKS
1.0
ns
FCBA
New FULL access from WCLKS
3.01
ns
ECBA
EMPTY
↓ access from WCLKS ↓
3.01
ns
ECBH,
FCBH,
HCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from WCLKS
1.0
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
HCBA
EQTH or GETH access from WCLKS
4.5
ns
WPCA
New WPE access from WCLKS
3.0
ns
WPE is invalid, while PARGEN is active
WPCH
Old WPE valid from WCLKS
0.5
ns
WRCH, WBCH WRB & WBLKB hold from WCLKS
0.5
ns
WRCS, WBCS
WRB & WBLKB setup to WCLKS
1.0
ns
Notes:
1. At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMH), 3.0 ns.
2. All –F speed grade devices are 20% slower than the standard numbers.
WCLKS
WPE
DI
EMPTY
EQTH, GETH
FULL
(Full Inhibits Write)
WRB, WBLKB
Cycle Start
tWRCH, tWBCH
tECBH, tFCBH
tECBA, tFCBA
tHCBA
tWRCS, tWBCS
tDCS
tWPCA
tCMH
tCML
tCCYC
tWPCH
tDCH
tHCBH


유사한 부품 번호 - APA1000-FFGG1152I

제조업체부품명데이터시트상세설명
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
More results

유사한 설명 - APA1000-FFGG1152I

제조업체부품명데이터시트상세설명
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com