전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

APA1000-FFGG1152I 데이터시트(Datasheet) 2 Page - Actel Corporation

부품명 APA1000-FFGG1152I
상세내용  ProASIC Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo 

 
 2 page
background image
ProASICPLUS Flash Family FPGAs
ii
v5.7
Ordering Information
APA1000
FG
_
Part Number
Speed Grade
Blank = Standard Speed
F
F
= 20% Slower than Standard
Package Type
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
FG
= Fine Pitch Ball Grid Array (1.0 mm pitch)
BG = Plastic Ball Grid Array (1.27 mm pitch)
CQ = Ceramic Quad Flat Pack (1.05 mm pitch)
CG = Ceramic Column Grid Array (1.27 mm pitch)
LG
= Land Grid Array (1.27 mm pitch)
1152
I
Package Lead Count
Application (Ambient Temperature Range)
G
Lead-free packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
PP = Pre-production
ES = Engineering Silicon (Room Temperature Only)
M = Military (-55˚C to 125˚C)
B = MIL-STD-883 Class B
150,000 Equivalent System Gates
APA150 =
75,000 Equivalent System Gates
APA075 =
APA300
300,000 Equivalent System Gates
=
APA450
450,000 Equivalent System Gates
=
APA600
600,000 Equivalent System Gates
=
APA750
750,000 Equivalent System Gates
=
APA1000
1,000,000 Equivalent System Gates
=




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트



관련 부품명

부품명상세내용Html View제조사
APA1000-FG896AAutomotive-Grade ProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
A3P030ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A1280A-1PG176CACT2 Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F3528 k ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
A54SX08SX Family FPGAs 1 2 3 4 5 MoreActel Corporation
EX128-TQG100AeX Automotive Family FPGAs 1 2 3 4 5 MoreActel Corporation
EX128-PTQG100eX Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F52X8/4/2 kB ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories
AX1000-1FGG896IAxcelerator Family FPGAs 1 2 3 4 5 MoreActel Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl