전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

A3P030-FVQG144PP 데이터시트(Datasheet) 95 Page - Actel Corporation

부품명 A3P030-FVQG144PP
상세내용  ProASIC3 Flash Family FPGAs
PDF  206 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo 

 95 page
background image
ProASIC3 DC and Switching Characteristics
v1.3
2 - 81
Table 2-102 • A3P250 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
–F
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input LOW Delay for Global Clock
0.80 1.01 0.91 1.15 1.07 1.36 1.28 1.63
ns
tRCKH
Input HIGH Delay for Global Clock
0.781.04 0.891.181.041.391.251.66
ns
tRCKMPWH Minimum Pulse Width HIGH for Global Clock
ns
tRCKMPWL Minimum Pulse Width LOW for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.29
0.34
0.41
ns
FRMAX
Maximum Frequency for Global Clock
MHz
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-103 • A3P400 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
–F
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input LOW Delay for Global Clock
0.87 1.09 0.99 1.24 1.17 1.46 1.40 1.75
ns
tRCKH
Input HIGH Delay for Global Clock
0.861.11 0.981.271.151.491.381.79
ns
tRCKMPWH Minimum Pulse Width HIGH for Global Clock
ns
tRCKMPWL Minimum Pulse Width LOW for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.29
0.34
0.41
ns
FRMAX
Maximum Frequency for Global Clock
Mhz
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트



관련 부품명

부품명상세내용Html View제조사
A3P030ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A3P1000-1FGG144TAutomotive ProASIC3 Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FG896AAutomotive-Grade ProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FFGG1152IProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
A3PE3000-1FGG896IProASIC3E Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
RT3PE3000L-1FG484BRadiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs 1 2 3 4 5 MoreActel Corporation
A1280A-1PG176CACT2 Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F3528 k ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl