전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

A3P030-FVQG144PP 데이터시트(Datasheet) 45 Page - Actel Corporation

부품명 A3P030-FVQG144PP
상세내용  ProASIC3 Flash Family FPGAs
PDF  206 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo 

 45 page
background image
ProASIC3 DC and Switching Characteristics
v1.3
2 - 31
Timing Characteristics
Table 2-41 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
–F
0.79
9.20
0.05
1.22
0.51
9.37
7.91
3.18
3.14
12.05
10.60
ns
Std.
0.66
7.66
0.04
1.02
0.43
7.80
6.59
2.65
2.61
10.03
8.82
ns
–1
0.56
6.51
0.04
0.86
0.36
6.63
5.60
2.25
2.22
8.54
7.51
ns
–2
0.49
5.72
0.03
0.76
0.32
5.82
4.92
1.98
1.95
7.49
6.59
ns
6 mA
–F
0.79
5.89
0.05
1.22
0.51
6.00
4.89
3.59
3.85
8.69
7.57
ns
Std.
0.66
4.91
0.04
1.02
0.43
5.00
4.07
2.99
3.20
7.23
6.31
ns
–1
0.56
4.17
0.04
0.86
0.36
4.25
3.46
2.54
2.73
6.15
5.36
ns
–2
0.49
3.66
0.03
0.76
0.32
3.73
3.04
2.23
2.39
5.40
4.71
ns
8 mA
–F
0.79
5.89
0.05
1.22
0.51
6.00
4.89
3.59
3.85
8.69
7.57
ns
Std.
0.66
4.91
0.04
1.02
0.43
5.00
4.07
2.99
3.20
7.23
6.31
ns
–1
0.56
4.17
0.04
0.86
0.36
4.25
3.46
2.54
2.73
6.15
5.36
ns
–2
0.49
3.66
0.03
0.76
0.32
3.73
3.04
2.23
2.39
5.40
4.71
ns
12 mA
–F
0.79
4.24
0.05
1.22
0.51
4.32
3.39
3.86
4.30
7.01
6.08
ns
Std.
0.66
3.53
0.04
1.02
0.43
3.60
2.82
3.21
3.58
5.83
5.06
ns
–1
0.56
3.00
0.04
0.86
0.36
3.06
2.40
2.73
3.05
4.96
4.30
ns
–2
0.49
2.64
0.03
0.76
0.32
2.69
2.11
2.40
2.68
4.36
3.78
ns
16 mA
–F
0.79
4.00
0.05
1.22
0.51
4.08
3.08
3.92
4.42
6.76
5.77
ns
Std.
0.66
3.33
0.04
1.02
0.43
3.39
2.56
3.26
3.68
5.63
4.80
ns
–1
0.56
2.83
0.04
0.86
0.36
2.89
2.18
2.77
3.13
4.79
4.08
ns
–2
0.49
2.49
0.03
0.76
0.32
2.53
1.91
2.44
2.75
4.20
3.58
ns
24 mA
–F
0.79
3.69
0.05
1.22
0.51
3.76
2.54
3.99
4.88
6.45
5.23
ns
Std.
0.66
3.08
0.04
1.02
0.43
3.13
2.12
3.32
4.06
5.37
4.35
ns
–1
0.56
2.62
0.04
0.86
0.36
2.66
1.80
2.83
3.45
4.57
3.70
ns
–2
0.49
2.30
0.03
0.76
0.32
2.34
1.58
2.48
3.03
4.01
3.25
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트



관련 부품명

부품명상세내용Html View제조사
A3P030ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A3P1000-1FGG144TAutomotive ProASIC3 Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FG896AAutomotive-Grade ProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FFGG1152IProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
A3PE3000-1FGG896IProASIC3E Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
RT3PE3000L-1FG484BRadiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs 1 2 3 4 5 MoreActel Corporation
A1280A-1PG176CACT2 Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F3528 k ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl