전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

A3P030-FVQG144PP 데이터시트(Datasheet) 47 Page - Actel Corporation

부품명 A3P030-FVQG144PP
상세내용  ProASIC3 Flash Family FPGAs
PDF  206 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo 

 47 page
background image
ProASIC3 DC and Switching Characteristics
v1.3
2 - 33
Table 2-43 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
–F
0.79
8.65
0.05
1.20
0.51
8.81
7.55
2.73
2.81
11.50
10.24
ns
Std.
0.66
7.20
0.04
1.00
0.43
7.34
6.29
2.27
2.34
9.57
8.52
ns
–1
0.56
6.13
0.04
0.85
0.36
6.24
5.35
1.93
1.99
8.14
7.25
ns
–2
0.49
5.38
0.03
0.75
0.32
5.48
4.69
1.70
1.75
7.15
6.36
ns
6 mA
–F
0.79
5.41
0.05
1.20
0.51
5.51
4.58
3.10
3.45
8.19
7.27
ns
Std.
0.66
4.50
0.04
1.00
0.43
4.58
3.82
2.58
2.88
6.82
6.05
ns
–1
0.56
3.83
0.04
0.85
0.36
3.90
3.25
2.19
2.45
5.80
5.15
ns
–2
0.49
3.36
0.03
0.75
0.32
3.42
2.85
1.92
2.15
5.09
4.52
ns
8 mA
–F
0.79
5.41
0.05
1.20
0.51
5.51
4.58
3.10
3.45
8.19
7.27
ns
Std.
0.66
4.50
0.04
1.00
0.43
4.58
3.82
2.58
2.88
6.82
6.05
ns
–1
0.56
3.83
0.04
0.85
0.36
3.90
3.25
2.19
2.45
5.80
5.15
ns
–2
0.49
3.36
0.03
0.75
0.32
3.42
2.85
1.92
2.15
5.09
4.52
ns
12 mA
–F
0.79
3.80
0.05
1.20
0.51
3.87
3.10
3.35
3.87
6.55
5.79
ns
Std.
0.66
3.16
0.04
1.00
0.43
3.22
2.58
2.79
3.22
5.45
4.82
ns
–1
0.56
2.69
0.04
0.85
0.36
2.74
2.20
2.37
2.74
4.64
4.10
ns
–2
0.49
2.36
0.03
0.75
0.32
2.40
1.93
2.08
2.41
4.07
3.60
ns
16 mA
–F
0.79
3.80
0.05
1.20
0.51
3.87
3.10
3.35
3.87
6.55
5.79
ns
Std.
0.66
3.16
0.04
1.00
0.43
3.22
2.58
2.79
3.22
5.45
4.82
ns
–1
0.56
2.69
0.04
0.85
0.36
2.74
2.20
2.37
2.74
4.64
4.10
ns
–2
0.49
2.36
0.03
0.75
0.32
2.40
1.93
2.08
2.41
4.07
3.60
ns
Notes:
1. Software default selection highlighted in gray.
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트



관련 부품명

부품명상세내용Html View제조사
A3P030ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A3P1000-1FGG144TAutomotive ProASIC3 Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FG896AAutomotive-Grade ProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FFGG1152IProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
A3PE3000-1FGG896IProASIC3E Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
RT3PE3000L-1FG484BRadiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs 1 2 3 4 5 MoreActel Corporation
A1280A-1PG176CACT2 Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F3528 k ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl