전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A32140DXV-1PLC 데이터시트(PDF) 18 Page - Actel Corporation

부품명 A32140DXV-1PLC
상세설명  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A32140DXV-1PLC 데이터시트(HTML) 18 Page - Actel Corporation

Back Button A32140DXV-1PLC Datasheet HTML 14Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 15Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 16Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 17Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 18Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 19Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 20Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 21Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
18
Discontinued – v3.0
32 00DX T i ming Mo del (L ogic Fun ction s using Qu adra n t Clocks) *
Output Delays
Internal Delays
Input Delays
tINH = 0.0 ns
tINSU = 0.45 ns
I/O Module
D
Q
tINGO = 3.3 ns
tINPY = 1.4 ns t
IRD1 = 1.9 ns
Combinatorial
Module
tPD = 2.0 ns
Sequential
Logic Module
I/O Module
tRD1 = 1.1 ns
tDLH = 3.7 ns
I/O Module
Quadrant
Clocks
FMAX = 165 MHz
Combin-
atorial
Logic
included
in tSUD
D
Q
D
Q
tLH = 0.0 ns
tLSU = 0.26 ns
tGHL= 8.9 ns
tDLH = 3.7 ns
tENHZ = 8.3 ns
tRD1 = 1.1 ns
tCO = 2.3 ns
tSUD = 0.3 ns
tHD = 0.0 ns
Predicted
Routing
Delays
G
G
Decode
Module
tPDD = 2.5 ns
tRDD = 0.3 ns
tRD2 = 1.7 ns
tRD4 = 2.6 ns
tCKH = 5.3 ns**
* Preliminary values shown for A32200DX-3 at worst-case commercial conditions.
** Load-dependent.


유사한 부품 번호 - A32140DXV-1PLC

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
A3214 ALLEGRO-A3214 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
DB Lectro Inc
A3214CAB1 DBLECTRO-A3214CAB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CAD1 DBLECTRO-A3214CAD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGB1 DBLECTRO-A3214CGB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGD1 DBLECTRO-A3214CGD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
More results

유사한 설명 - A32140DXV-1PLC

제조업체부품명데이터시트상세설명
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com