전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A32140DXV-1PLC 데이터시트(PDF) 42 Page - Actel Corporation

부품명 A32140DXV-1PLC
상세설명  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A32140DXV-1PLC 데이터시트(HTML) 42 Page - Actel Corporation

Back Button A32140DXV-1PLC Datasheet HTML 38Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 39Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 40Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 41Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 42Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 43Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 44Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 45Page - Actel Corporation A32140DXV-1PLC Datasheet HTML 46Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
42
Discontinued – v3.0
A321 00DX Timing Char act eristics (continued)
(Worst-Case Commercial Conditions VCC = 4.75 V, TJ = 70°C)
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
3.3V ‘Std’
Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Input Module Propagation Delays
tINPY
Input Data Pad-to-Y
1.4
1.65
1.9
2.2
3.1
2.5
ns
tINGO
Input Latch Gate-to-Output1
2.9
3.4
3.8
4.5
6.4
5.3
ns
tINH
Input Latch Hold1
0.0
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Latch Set-Up1
0.45
0.5
0.6
0.7
1.0
0.82
ns
tILA
Latch Active Pulse Width1
4.4
4.8
5.9
6.9
9.8
8.1
ns
Input Module Predicted Routing Delays
tIRD1
FO=1 Routing Delay
1.6
1.75
2.1
2.5
3.6
2.9
ns
tIRD2
FO=2 Routing Delay
2.0
2.4
2.7
3.2
4.6
3.8
ns
tIRD3
FO=3 Routing Delay
2.6
3.0
3.4
4.0
5.7
4.7
ns
tIRD4
FO=4 Routing Delay
2.6
3.0
3.4
4.0
5.7
4.7
ns
tIRD8
FO=8 Routing Delay
4.1
4.8
5.4
6.4
9.1
7.5
ns
Global Clock Network
tCKH
Input Low to High
FO=32
FO=635
4.7
5.7
5.6
6.75
6.3
7.7
7.4
9.0
10.5
12.8
8.7
10.5
ns
ns
tCKL
Input High to Low
FO=32
FO=635
4.8
6.4
5.6
7.5
6.4
8.5
7.5
10.0
10.7
14.2
8.8
11.7
ns
ns
tPWH
Minimum Pulse Width
High
FO=32
FO=635
2.5
2.7
2.9
3.2
3.3
3.7
3.9
4.3
5.6
6.1
4.5
5.0
ns
ns
tPWL
Minimum Pulse Width
Low
FO=32
FO=635
2.5
2.7
2.9
3.2
3.3
3.7
3.9
4.3
5.5
6.1
4.5
5.0
ns
ns
tCKSW
Maximum Skew
FO=32
FO=635
0.6
0.6
0.75
0.75
0.9
0.9
1.0
1.0
1.4
1.4
1.8
1.8
ns
ns
tSUEXT
Input Latch External
Set-Up
FO=32
FO=635
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
ns
tHEXT
Input Latch External
Hold
FO=32
FO=635
2.2
2.7
2.5
3.2
2.9
3.7
3.4
4.3
4.9
6.1
4.0
6.1
ns
ns
tP
Minimum Period
(1/fmax)
FO=32
FO=635
5.0
5.5
6.0
6.4
7.4
8.2
7.9
8.6
12.4
13.7
9.3
10.1
ns
ns
fHMAX
Maximum Datapath
Frequency
FO=32
FO=635
183
167
159
145
146
133
127
116
89
81
108
99
MHz
MHz
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual performance.


유사한 부품 번호 - A32140DXV-1PLC

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
A3214 ALLEGRO-A3214 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
DB Lectro Inc
A3214CAB1 DBLECTRO-A3214CAB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CAD1 DBLECTRO-A3214CAD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGB1 DBLECTRO-A3214CGB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGD1 DBLECTRO-A3214CGD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
More results

유사한 설명 - A32140DXV-1PLC

제조업체부품명데이터시트상세설명
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com