전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF3006 데이터시트(PDF) 2 Page - HY ELECTRONIC CORP.

부품명 UF3006
상세설명  HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF3006 데이터시트(HTML) 2 Page - HY ELECTRONIC CORP.

  UF3006 Datasheet HTML 1Page - HY ELECTRONIC CORP. UF3006 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HER30X / UF300X SERIES
~ 105 ~
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (VOLTS)
1000
100
1
10
100
10
1
1.0
Tj = 25°C f = 1 MHz
HER301 - HER305
(UF3001 - UF3005)
HER306 - HER308
(UF3006 - UF3008)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
TJ = 25°C
PULSE WIDTH 300us
HER306 - HER308
(UF3006 -UF3008)
HER301 - HER303
(UF3001 - UF3003)
HER304 - HER305
(UF3004 - UF3005)


유사한 부품 번호 - UF3006

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF3006 DIODES-UF3006 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Nanjing International G...
UF3006 DGNJDZ-UF3006 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Fuji Electric
UF3006 FUJI-UF3006 Datasheet
701Kb / 1P
   3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF3006 DGNJDZ-UF3006 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diodes Incorporated
UF3006 DIODES-UF3006 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
More results

유사한 설명 - UF3006

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
UF2001 HY-UF2001_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER30X HY-HER30X_1 Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER101 HY-HER101_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF4001 HY-UF4001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER10X HY-HER10X_V01 Datasheet
424Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
HER30X HY-HER30X_V01 Datasheet
421Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com