전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C68 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 BZX55C68
상세설명  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C68 데이터시트(HTML) 3 Page - Vishay Siliconix

  BZX55C68 Datasheet HTML 1Page - Vishay Siliconix BZX55C68 Datasheet HTML 2Page - Vishay Siliconix BZX55C68 Datasheet HTML 3Page - Vishay Siliconix BZX55C68 Datasheet HTML 4Page - Vishay Siliconix BZX55C68 Datasheet HTML 5Page - Vishay Siliconix BZX55C68 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZX55C...
Vishay Telefunken
Rev. 4, 01-Apr-99
3 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85605
Characteristics (Tj = 25_C unless otherwise specified)
95 9611
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length ( mm )
ll
TL=constant
Figure 1. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 2. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj =25°C
Figure 3. Typical Change of Working Voltage
under Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 4. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 5. Temperature Coefficient of Vz vs. Z–Voltage
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage ( V )
25
95 9601
20
Tj =25°C
VR =2V
Figure 6. Diode Capacitance vs. Z–Voltage


유사한 부품 번호 - BZX55C68

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
BZX55C68 CHENDA-BZX55C68 Datasheet
695Kb / 3P
   Low zener impedance
logo
Seme LAB
BZX55C68 SEME-LAB-BZX55C68 Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
RFE international
BZX55C68 RFE-BZX55C68 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Changzhou Shunye Electr...
BZX55C68 SY-BZX55C68 Datasheet
317Kb / 3P
   ZENER DIODES
logo
Kingtronics Internation...
BZX55C68 KINGTRONICS-BZX55C68 Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
More results

유사한 설명 - BZX55C68

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com