전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ17 데이터시트(PDF) 2 Page - HY ELECTRONIC CORP.

부품명 SMAJ17
상세설명  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMAJ17 데이터시트(HTML) 2 Page - HY ELECTRONIC CORP.

  SMAJ17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SMAJ17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SMAJ17 Datasheet HTML 3Page - HY ELECTRONIC CORP. SMAJ17 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERTIC CURVES
SMAJ SERIES
~ 281 ~
TP, PULSE WIDTH
FIG.5-PULSE RATING CURVE
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA=25℃
NON-REPETIVE PULSE WAVE
FORM SHOWN IN FIG.3
T, TIME (ms)
0
FIG.3-PULSE WAVEFORM
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
100
50
1.0
2.0
3.0
4.0
0
TJ
=25°C
TP
STAND-OFF VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
Bi-directional
Uni-directional
TJ=25℃
TL, LEAD TEMPERATURE
FIG.6-STEADY STATE POWER
DERATING CURVE
1.0
0.8
0.6
0.4
0.2
0.0
60Hz RESISTIVE OR
INDUCTIVE LOAD
25
50
75
100
125
150
175
200
0
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75
100
125 150
175 200
0


유사한 부품 번호 - SMAJ17

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ17 JGD-SMAJ17 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ17 HORNBY-SMAJ17 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMAJ17 SOCAY-SMAJ17 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ17 RFE-SMAJ17 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Vishay Siliconix
SMAJ17 VISHAY-SMAJ17 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

유사한 설명 - SMAJ17

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com