전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDSY515 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 TDSY515
상세설명  13 mm Seven Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY515 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button TDSY515 Datasheet HTML 2Page - Vishay Siliconix TDSY515 Datasheet HTML 3Page - Vishay Siliconix TDSY515 Datasheet HTML 4Page - Vishay Siliconix TDSY515 Datasheet HTML 5Page - Vishay Siliconix TDSY515 Datasheet HTML 6Page - Vishay Siliconix TDSY515 Datasheet HTML 7Page - Vishay Siliconix TDSY515 Datasheet HTML 8Page - Vishay Siliconix TDSY515 Datasheet HTML 9Page - Vishay Siliconix TDSY515 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TDS.51..
Vishay Telefunken
7 (10)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83126
0
2
468
0.1
1
10
100
1000
10
95 10034
VF – Forward Voltage ( V )
tp/T=0.001
tp=10ms
Green
Figure 19. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10035
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
IF=10mA
Green
Figure 20. Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF – Forward Current ( mA )
Figure 21. Specific Luminous Intensity vs.
Forward Current
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10037
Green
Figure 22. Relative Luminous Intensity vs.
Forward Current
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
l – Wavelength ( nm )
1.0
Green
Figure 23. Relative Luminous Intensity vs. Wavelength


유사한 부품 번호 - TDSY515

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDSY515 TEMIC-TDSY515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSY515. VISHAY-TDSY515. Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSY5150 VISHAY-TDSY5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSY5150 VISHAY-TDSY5150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 13 mm
Rev. 1.6, 10-Feb-10
TDSY5150 VISHAY-TDSY5150 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results

유사한 설명 - TDSY515

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com