전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLHB580 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 TLHB580
상세설명  High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHB580 데이터시트(HTML) 5 Page - Vishay Siliconix

  TLHB580 Datasheet HTML 1Page - Vishay Siliconix TLHB580 Datasheet HTML 2Page - Vishay Siliconix TLHB580 Datasheet HTML 3Page - Vishay Siliconix TLHB580 Datasheet HTML 4Page - Vishay Siliconix TLHB580 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TLHB580.
Vishay Telefunken
5 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83021
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


유사한 부품 번호 - TLHB580

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHB580. VISHAY-TLHB580. Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHB5800 VISHAY-TLHB5800 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHB5802 VISHAY-TLHB5802 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHB580 VISHAY-TLHB580_05 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
More results

유사한 설명 - TLHB580

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLHB510 VISHAY-TLHB510_05 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB510 VISHAY-TLHB510 Datasheet
72Kb / 5P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. A1, 04-Feb-99
TLHB580 VISHAY-TLHB580_05 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHG5800 VISHAY-TLHG5800_V01 Datasheet
111Kb / 5P
   High Efficiency LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 25-Apr-13
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
TLCX510 VISHAY-TLCX510 Datasheet
163Kb / 13P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com