전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSA273 데이터시트(PDF) 1 Page - Bedford Opto Technology Ltd.

부품명 SSA273
상세설명  SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR,SHROUDED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOT [Bedford Opto Technology Ltd.]
홈페이지  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA273 데이터시트(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA273 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA273 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.23
7.62
3.1
12.7
7.52
3.81
3.76
2.54
2.54
0.76
POLARITY
DIMPLE
4.8
GREEN An.
RED An.
SSA 273 SINGLE TIER 5mm
3 LEADED TRI-COLOUR
CIRCUIT BOARD
INDICATOR,SHROUDED
A shrouded LED package for use with
overlays.The 3 leaded 5mm package allows
direct drive to each of the Red & Green
chips to produce Red, Green or a mix of
both.
BOT’s
unique
baseplate
technique
construction
guarantees
high
tolerance
positioning on the PCB.
Rigid lead position using baseplate.
Tricolour.
Choice of polarity.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS B 1.3.01
Pb
This
component
is RoHS
compliant


유사한 부품 번호 - SSA273

제조업체부품명데이터시트상세설명
logo
Bedford Opto Technology...
SSA274 BOT-SSA274 Datasheet
31Kb / 2P
   SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
More results

유사한 설명 - SSA273

제조업체부품명데이터시트상세설명
logo
Bedford Opto Technology...
SSA274 BOT-SSA274 Datasheet
31Kb / 2P
   SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
SSA217 BOT-SSA217 Datasheet
32Kb / 2P
   TWO TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
SSA218 BOT-SSA218 Datasheet
32Kb / 2P
   TWO TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
logo
LUMEX INC.
SSI-LXR5010IY34285 LUMEX-SSI-LXR5010IY34285 Datasheet
67Kb / 1P
   T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010AGWCA15 LUMEX-SSI-LXR5010AGWCA15 Datasheet
93Kb / 1P
   T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010HGW3-15 LUMEX-SSI-LXR5010HGW3-15 Datasheet
65Kb / 1P
   T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010AGWCA18 LUMEX-SSI-LXR5010AGWCA18 Datasheet
66Kb / 1P
   T-5mm TRI-LEADED LED INDICATOR
logo
Chicago Miniature Lamp,...
19591X54 CML-19591X54 Datasheet
424Kb / 1P
   LED Indicator 5mm For Flush Mounting Tri-Colour LED
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com