전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA-5063Z 데이터시트(PDF) 2 Page - SIRENZA MICRODEVICES

부품명 STA-5063Z
상세설명  3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

STA-5063Z 데이터시트(HTML) 2 Page - SIRENZA MICRODEVICES

  STA-5063Z Datasheet HTML 1Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 2Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 3Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 4Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 5Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 6Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 7Page - SIRENZA MICRODEVICES STA-5063Z Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
2
EDS-102990 Rev F
STA-5063Z 3.3-6.2GHz 15dBm Amplifier
Pin Out Description
Pin #
Function
Description
1
RFIN / VPC
RF input pin and power up down control. Supply VPC = 3.3V thru a 4.7Kohm resistor to this pin. For more
gain (~0.3dB), a 5.6nH inductor can also be used in place of the resistor. If an inductor is used, move the 4.7k
resistor towards the DC supply, but still in series with pin1. A minimum 1k series resitance is required on this
pin from the DC supply. VPC less than 2V shuts off the amplifier.
2,5,6
Ground
Put GND vias as close as possible to these pins. It is recommended to use the via pattern in out eval board
layout and recommended land pattern
3VCC
This provides Vcc to the active bias circuit and supplies the Vcc1 collector voltage of the first stage. This pin
needs to be bypassed with capacitors as close as possible to the pin. Two 0402 100pF capacitors are recom-
mended in parallel to lower the inductance to GND thru the caps.
4
RFOUT
Rf output for the amplifier and Vcc2 for the second stage.
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Simplified Device Schematic
Absolute Maximum Ratings
Parameters
Value
Unit
ESD Rating (HBM)
1000
V
Total Device Current (I)
80
mA
Device Voltage (Pins 1 and 3)
4
V
Device Voltage (Pin 4)
5.5
V
Power Dissipation
0.40
W
Operating Lead Temperature (TL)
-40 to +85
ºC
RF Input Power
15
dBm
Storage Temperature Range
-40 to +150
ºC
Operating Junction Temperature (TJ)
+150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH’ j-l
Active Bias
PIN 1
PIN 2
PIN 5
PIN 6
PIN 3
PIN 4


유사한 부품 번호 - STA-5063Z

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

유사한 설명 - STA-5063Z

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
TA060-180-10-15 TRANSCOM-TA060-180-10-15 Datasheet
44Kb / 2P
   6 ~ 18 GHz 15dBm Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_13 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com