전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST645000 데이터시트(PDF) 2 Page - celduc-relais

부품명 ST645000
상세설명  AC BLINKING SSR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

ST645000 데이터시트(HTML) 2 Page - celduc-relais

  ST645000 Datasheet HTML 1Page - celduc-relais ST645000 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S/DIV/ST6xxxxx/A/21/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
Caractéristiques de sortie (à 20
°C) / Output characteristics (at 20
°C)
Modèles / References
ST645000
ST647000
Tension nominale / Nominal voltage
230VAC
230VAC
VAC
Plage tension de fonctionnement / Operating range
180-280VAC
180-280VAC
VAC
Tension crête / Peak voltage
600
600
VPEAK
Courant nominal (voir les caractéristiques thermiques)
/ Nominal current (see thermal curves)
10
25
A
Courant de surcharge accidentel admissible maximum (1s)
/ Maximum accidental overload current (1s)
120
230
APEAK
Chute tension directe (In) / On state voltage drop (In)
1,6
1,6
V
Courant de fuite état bloqué
/ Off state leakage current
55
mA
Courant de charge minimum / Minimum load current
55
mA
Temps de fermeture / Turn on time
1/2 period
1/2 period
ms
Temps d'ouverture / Turn off time
1/2 period
1/2 period
ms
Fréquence d'utilisation / Operating frequency
47-63
47-63
Hz
dv/dt état bloqué / Off state dv/dt
200
200
V/
µs
Homologation / Approval
Nous consulter
autres tension sur demande - other voltage on request
RMS load current : I (A)
Ambient temperature : Tamb (°C)
0246
8
10
12
14
16
18
20
22
24
26
0
0
5
10
15
20
25
30
35
40
0
Pd ( watts)
0
10
20
30
40
50
60
70
80
90
100 110 120
0
T case
max (°C)
70
90
100
0,95K/W
0,75K/W
80
1,6K/W
1,1K/W
2,2K/W
10A
25A
sans dissipateur /
without heatsink


유사한 부품 번호 - ST645000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST64PNPP ETC1-ST64PNPP Datasheet
270Kb / 8P
   LCD MODULE SPECIFICATION
More results

유사한 설명 - ST645000

제조업체부품명데이터시트상세설명
logo
celduc-relais
ST600700 CELDUC-ST600700 Datasheet
97Kb / 2P
   AC BLINKING SSR
logo
List of Unclassifed Man...
FRMS ETC1-FRMS Datasheet
80Kb / 4P
   AC Reversible Motor SSR
logo
GREEGOO Electric Co.,Lt...
GTH20048ZD3 GREEGOO-GTH20048ZD3 Datasheet
352Kb / 2P
   GTH 200 to500Amps AC SSR
GDH20028ZD1B GREEGOO-GDH20028ZD1B Datasheet
439Kb / 2P
   GDH 200 to 400Amps AC SSR
GDH4028ZD1 GREEGOO-GDH4028ZD1 Datasheet
448Kb / 2P
   GDH 40 to 120Amps AC SSR
GDH50024ZD1B GREEGOO-GDH50024ZD1B Datasheet
415Kb / 2P
   GDH 500 to 1000Amps AC SSR
GTH4048ZD1 GREEGOO-GTH4048ZD1 Datasheet
436Kb / 2P
   GTH 40 to 120Amps AC SSR
GD1024ZD1 GREEGOO-GD1024ZD1 Datasheet
460Kb / 2P
   GD 10 to 40 Amps AC SSR
logo
Nihon Inter Electronics...
PHA15-25DW2RP NIEC-PHA15-25DW2RP Datasheet
256Kb / 3P
   SSR
logo
Xiamen silicon-top opto...
YSM2 SILICON-TOP-YSM2 Datasheet
394Kb / 4P
   SSR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com