전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDD05-03S5 데이터시트(PDF) 5 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 TDD05-03S5
상세설명  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-03S5 데이터시트(HTML) 5 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-03S5 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.chinfa.com
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(Typ.)
84%
TDD05 - 05S0
4.5~9 VDC
5 WATTS
+
5 VDC
1000 mA
85%
TDD05 - 12S0
4.5~9 VDC
6 WATTS
+ 12 VDC
500 mA
85%
TDD05 - 15S0
4.5~9 VDC
6 WATTS
+ 15 VDC
400 mA
84%
TDD05 - 05D0
4.5~9 VDC
5 WATTS
5 VDC
500 mA
85%
TDD05 - 12D0
4.5~9 VDC
6 WATTS
12 VDC
85%
TDD05 - 15D0
4.5~9 VDC
6 WATTS
15 VDC
250 mA
200 mA
Single Output Models
Dual Output Models
DC - DC CONVERTER
5 ~ 6W 5V INPUT MODEL
FEATURES
INPUT 4.5 V ~ 9 V
INPUT FILTER BUILT - IN
I/O ISOLATION
HIGH EFFICIENCY UP TO 85 %
SHORT CIRCUIT PROTECTION
2 " x 1 " METAL CASE
2 YEARS WARRANTY
MODEL LIST
TDD05 SERIES
sales@chinfa.com
EFF.
(min.)
82%
83%
83%
82%
83%
83%
2007.06.23


유사한 부품 번호 - TDD05-03S5

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

유사한 설명 - TDD05-03S5

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com