전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDD40-15D2 데이터시트(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 TDD40-15D2
상세설명  DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD40-15D2 데이터시트(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD40-15D2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD40-15D2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD40-15D2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD40-15D2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
TDD40 SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
KHz
1,500
VDC
M
100
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
200
2
%
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
18
35
48
60
75
VDC
VDC
Ta min ... Ta max,
Io nom
24
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
6
%
%
%
Load regulation
o
% / C
Temperature coefficient
Transient recovery time
Vi nom, Io 0 ... Io nom, single output models
Vi nom, Io nom
500
0.02
%
%
S
1
%
Case temperature
Operating at Vi nom, Io nom
oC
Storage temperature
Non operational
-40
+ 100
+ 100
oC
Derating
o
% / C
Vi nom
No load input current
24V models
48V models
mA
mA
Vi nom, Io=0
Input voltage w/o damage
65
VDC
VDC
Io nom
24V models
48V models
80
3 : 1 models
2 : 1 models
single output models
dual output models (each output)
Vi nom, Io min ... Io nom, dual output models
-25
oC
+ 60
Vi nom,
Io nom
3.3V & 5V output models
12V, 15V & dual output models
-25
+ 71
oC
Input filter
Pi type
INPUT SPECIFICATIONS
10
15
OUTPUT SPECIFICATIONS
Vi nom, Io nom ...1/2 Io nom
2
5
See derating curve
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Startup voltage
VDC
Io nom
24V models
48V models
30
16
VDC
sales@chinfa.com
Ripple & noise
3.3V & 5V models
12V & 12V
Vi nom, Io nom,
BW = 20MHz
15V & 15V
mV
150
mV
240
mV
300
Voltage trim range
3.3V output models
Vi nom
5
%
5V, 12V, 15V & dual
%
10
Efficiency
Up to 85%, See model list
Vi nom, Io nom, Po / Pi
Dimension
L50.8 x W76.2 x H24
Case material
Metal
mm
Cooling
Free air convection
GENERAL
2007.08.30


유사한 부품 번호 - TDD40-15D2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD40-15D2 CHINFA-TDD40-15D2 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-15D2 CHINFA-TDD40-15D2 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
More results

유사한 설명 - TDD40-15D2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com