전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSV22020-15 데이터시트(Datasheet) 1 Page - Green Power Solutions srl

부품명 GSV22020-15
상세내용  SURGE VOLTAGE SUPPRESSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 1 page
background image
GSV
SURGE VOLTAGE SUPPRESSORS
Pnp diffused silicon structure
Symmetric blocking characteristics
Suitable for SCR, BJT and IGBT applications
ThyrIstor
Type
VR
Tolerance
VDRM
PRAV
VRRM
[V]
[V]
[V]
1x10[µs]
1x100[µs]
1x1[ms]
1x10[ms]
[W]
GSV22020-16
1600
± 60
1600
GSV22020-15
1500
± 60
1500
GSV22023-14
1400
± 60
1400
GSV22023-13
1300
± 60
1300
GSV22026-12
1200
± 60
1200
GSV22026-11
1100
± 60
1100
GSV22030-10
1000
± 60
1000
GSV22030-09
900
± 60
900
GSV22038-08
800
± 60
800
GSV22038-07
700
± 60
700
GSV22050-06
600
± 60
600
GSV22050-05
500
± 60
500
Notice:
IRM … Max. avalanche current for a single sine half wave pulse
Value
Units
VR(TJ)
1
V
CJ
1100
pF
Rth
0.6
K/W
TjTSTG
-40..125
°C
10g
m/s
2
MU
10 ±10%
Nm
1) VR(60°C) = VRO; VR(25°C) = 0,93 x VRO; VR(125°C) = 1,07 x VRO
Document GSVT002
Mounting torque
Admissible acceleration (vibration)
Operating storage temperature range
Thermal resistance junction-heatsink
IRM [A]
for base width
200
50
13
3
18
3.6
30
230
58
15
3.4
30
25
4.5
30
300
80
21
4
30
260
67
Junction capacitance
UR = 0V, Tj=60°C
Dependence of avalanche
voltage VR on junction temperature
30
500
135
33
7.5
30
380
100
VR … Symmetrical avalanche voltage at IA = 20A, tp = 10 µ s, Tvj = 60 °C
PRAV … Admissible continuous lossess at Rthja < 1 K/W, Ta < 60 °C
Major Ratings
VR (T) = VR0 [ 1 + 1.1x10
-3(T - 60°C)]
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ESD5Z2.5T1_06Transient Voltage Suppressors Micro−Packaged Diodes for ESD Protection 1 2 3 4 ON Semiconductor
P4KE400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 UNIOHM CORPORATION
SM6A27Surface Mount Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
P4KA6.8_08Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
SA170CATRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 MoreVishay Siliconix
MMT05A230T3_06Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 MoreON Semiconductor
P6KE200B600 Watt Peak Power Transient Voltage Suppressors 1 2 3 4 ON Semiconductor
MMBZ15VDLT1_0540 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
1.5KEGLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 HY ELECTRONIC CORP.
P6KE600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 UNIOHM CORPORATION

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl