전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSV22023-14 데이터시트(Datasheet) 2 Page - Green Power Solutions srl

부품명 GSV22023-14
상세내용  SURGE VOLTAGE SUPPRESSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 2 page
background image
SURGE VOLTAGE SUPPRESSORS
GSV
1 GSV22020-.. 4 GSV22030-..
2 GSV22023-..
5 GSV22038-..
3 GSV22026-..
6 GSV22050-..
dimensions mm
Document GSVT002
Max allowable current peak
vs pulse width
1
10
100
1000
10000
1
10
100
1000
IRM [A]
6
5
4
1
2
3
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Avalanche voltage vs Tj
Typical behaviour
(for type GSV22020-15 with tp = 15 µs)
-80
-40
0
40
80
120
1100
1200
1300
1400
1500
1600
1700
VR [V]
2 A
60 A
Max. admissible power in function of pulse
width tp
1
10
0.1
5
0.001
0.01
0.1
1
10
0.1
1
10
100
IRM*VR [kW]
frequency (hz)




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ESD5Z2.5T1_06Transient Voltage Suppressors Micro−Packaged Diodes for ESD Protection 1 2 3 4 ON Semiconductor
P4KE400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 UNIOHM CORPORATION
SM6A27Surface Mount Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
P4KA6.8_08Automotive Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
SA170CATRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 MoreVishay Siliconix
MMT05A230T3_06Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 MoreON Semiconductor
P6KE200B600 Watt Peak Power Transient Voltage Suppressors 1 2 3 4 ON Semiconductor
MMBZ15VDLT1_0540 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
1.5KEGLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 HY ELECTRONIC CORP.
P6KE600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 1 2 3 4 UNIOHM CORPORATION

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl