전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSV22023-13 데이터시트(PDF) 1 Page - Green Power Solutions srl

부품명 GSV22023-13
상세설명  SURGE VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GSV22023-13 데이터시트(HTML) 1 Page - Green Power Solutions srl

  GSV22023-13 Datasheet HTML 1Page - Green Power Solutions srl GSV22023-13 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSV
SURGE VOLTAGE SUPPRESSORS
Pnp diffused silicon structure
Symmetric blocking characteristics
Suitable for SCR, BJT and IGBT applications
ThyrIstor
Type
VR
Tolerance
VDRM
PRAV
VRRM
[V]
[V]
[V]
1x10[µs]
1x100[µs]
1x1[ms]
1x10[ms]
[W]
GSV22020-16
1600
± 60
1600
GSV22020-15
1500
± 60
1500
GSV22023-14
1400
± 60
1400
GSV22023-13
1300
± 60
1300
GSV22026-12
1200
± 60
1200
GSV22026-11
1100
± 60
1100
GSV22030-10
1000
± 60
1000
GSV22030-09
900
± 60
900
GSV22038-08
800
± 60
800
GSV22038-07
700
± 60
700
GSV22050-06
600
± 60
600
GSV22050-05
500
± 60
500
Notice:
IRM … Max. avalanche current for a single sine half wave pulse
Value
Units
VR(TJ)
1
V
CJ
1100
pF
Rth
0.6
K/W
TjTSTG
-40..125
°C
10g
m/s
2
MU
10 ±10%
Nm
1) VR(60°C) = VRO; VR(25°C) = 0,93 x VRO; VR(125°C) = 1,07 x VRO
Document GSVT002
Mounting torque
Admissible acceleration (vibration)
Operating storage temperature range
Thermal resistance junction-heatsink
IRM [A]
for base width
200
50
13
3
18
3.6
30
230
58
15
3.4
30
25
4.5
30
300
80
21
4
30
260
67
Junction capacitance
UR = 0V, Tj=60°C
Dependence of avalanche
voltage VR on junction temperature
30
500
135
33
7.5
30
380
100
VR … Symmetrical avalanche voltage at IA = 20A, tp = 10 µ s, Tvj = 60 °C
PRAV … Admissible continuous lossess at Rthja < 1 K/W, Ta < 60 °C
Major Ratings
VR (T) = VR0 [ 1 + 1.1x10
-3(T - 60°C)]
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy


유사한 부품 번호 - GSV22023-13

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GSV30 MEANWELL-GSV30 Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E12-P1J MEANWELL-GSV30E12-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E24-P1J MEANWELL-GSV30E24-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV30E48-P1J MEANWELL-GSV30E48-P1J Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
GSV60 MEANWELL-GSV60 Datasheet
400Kb / 7P
   60W With PFC LED Power Supply
More results

유사한 설명 - GSV22023-13

제조업체부품명데이터시트상세설명
logo
Green Power Solutions s...
GXV20050-04 GPSEMI-GXV20050-04 Datasheet
1Mb / 2P
   SURGE VOLTAGE SUPPRESSORS
logo
Littelfuse
V3.5MLA0603 LITTELFUSE-V3.5MLA0603 Datasheet
254Kb / 11P
   Multilayer Transient Voltage Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com