전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GXV24020-30 데이터시트(PDF) 2 Page - Green Power Solutions srl

부품명 GXV24020-30
상세설명  SURGE VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GXV24020-30 데이터시트(HTML) 2 Page - Green Power Solutions srl

  GXV24020-30 Datasheet HTML 1Page - Green Power Solutions srl GXV24020-30 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURGE VOLTAGE SUPPRESSOR
GXV
dimensions mm
Document GXVT002
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Typical behaviour of avalanche voltage vs Tj
(for type GXV22020-15 with tp = 15 µs)
-80
-40
0
40
80
120
1100
1200
1300
1400
1500
1600
1700
VR [V]
2 A
60 A
Max allowable current peak vs pulse width
1
10
100
1000
10000
1
10
100
1000
IR [A]
6
5
4
1
2
3
Product of max. admissible square wave power in
function of pulse width tp
(GXV22020 - GXV20050)
10
5
1
250k
0.1
5k
2.5k
1k
10k
50k
25k
100k
0.001
0.01
0.1
1
10
0
1
10
100
IRM*VM [kW]
frequency (hz)
Product of max. admissible square wave
power in function of pulse width tp
GXV24020 - GXV22030
0.001
0.01
0.1
1
10
0.1
1
10
100
IRM*VR [kW]
10
1
0.1
5
frequency (hz)


유사한 부품 번호 - GXV24020-30

제조업체부품명데이터시트상세설명
logo
Sensata Technologies, I...
GXV600 SENSATA-GXV600 Datasheet
923Kb / 5P
   600 Amp 12-900 Vdc Contactor
GXV611 SENSATA-GXV611 Datasheet
927Kb / 5P
   600 Amp 12-900 Vdc Contactor
More results

유사한 설명 - GXV24020-30

제조업체부품명데이터시트상세설명
logo
Green Power Solutions s...
GSV22020-16 GPSEMI-GSV22020-16 Datasheet
861Kb / 2P
   SURGE VOLTAGE SUPPRESSORS
logo
Littelfuse
V3.5MLA0603 LITTELFUSE-V3.5MLA0603 Datasheet
254Kb / 11P
   Multilayer Transient Voltage Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com