전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4802LMY 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN4802LMY
상세설명  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4802LMY 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4802LMY Datasheet HTML 3Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 4Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 5Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 6Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 7Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 8Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 9Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 10Page - Fairchild Semiconductor FAN4802LMY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.1
7
Pin Configuration
Figure 6. Pin Configuration (Top View
)
Pin Definitions
Pin #
Name
Description
1
IEA
Output of PFC Current Amplifier.
The signal from this pin is compared with an internal
sawtooth to determine the pulse width for PFC gate drive.
2
IAC
Input AC Current.
For normal operation, this input provides current reference for the multiplier.
The suggested maximum IAC is 100µA.
3
ISENSE
PFC Current Sense.
The non-inverting input of the PFC current amplifier and the output of
multiplier and PFC ILIMIT comparator.
4
VRMS
Line-Voltage Detection.
Line voltage detection. The pin is used for PFC multiplier.
5
SS
PWM Soft-Start.
During startup, the SS pin charges an external capacitor with a 10µA
constant current source. The voltage on FBPWM is clamped by SS during startup. In the event
of a protection condition occurring and/or PWM disabled, the SS pin is quickly discharged.
6
FBPWM
PWM Feedback Input.
The control input for voltage-loop feedback of PWM stage.
7
RT/CT
Oscillator RC Timing Connection.
Oscillator timing node; timing set by RT and CT.
8
RAMP
PWM RAMP Input.
In current mode, this pin functions as the current sense input; when in
voltage mode, it is the feed forward sense input from PFC output 380V (feedforward ramp).
9
ILIMIT
Peak Current Limit Setting for PWM.
The peak current limits setting for PWM.
10
GND
Ground.
11
OPWM
PWM Gate Drive.
The totem-pole output drive for PWM MOSFET. This pin is internally
clamped under 15V to protect the MOSFET.
12
OPFC
PFC Gate Drive.
The totem pole output drive for PWM MOSFET. This pin is internally clamped
under 15V to protect the MOSFET.
13
VDD
Supply.
The power supply pin. The threshold voltages for startup and turn-off are 11V and
9.3V, respectively. The operating current is lower than 10mA.
14
VREF
Reference Voltage.
Buffered output for the internal 7.5V reference.
15
FBPFC
Voltage Feedback Input for PFC.
The feedback input for PFC voltage loop. The inverting
input of PFC error amplifier. This pin is connected to the PFC output through a divider network.
16
VEA
Output of PFC Voltage Amplifier.
The error amplifier output for PFC voltage feedback loop.
A compensation network is connected between this pin and ground.


유사한 부품 번호 - FAN4802LMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4802LMY FAIRCHILD-FAN4802LMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
More results

유사한 설명 - FAN4802LMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com