전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6546H 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA6546H
상세설명  Four-Channel Bridge (BTL) Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6546H 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA6546H Datasheet HTML 1Page - Sanyo Semicon Device LA6546H Datasheet HTML 2Page - Sanyo Semicon Device LA6546H Datasheet HTML 3Page - Sanyo Semicon Device LA6546H Datasheet HTML 4Page - Sanyo Semicon Device LA6546H Datasheet HTML 5Page - Sanyo Semicon Device LA6546H Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA6546H
No.8766-2/6
Electrical Characteristics at Ta
= 25°C, VCC = 8V, VREF = 2.5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Overall
No-load current drain 1
ICC1
All amp outputs ON (MUTE HI) *1
20
40
mA
No-load current drain 2
ICC2
All amp outputs OFF (MUTE LOW) *1
15
35
mA
Output offset voltage 1
VOF1
CH1 (VO1+ and VO1-),
CH2 (VO2+ and VO2-)
-50
50
mV
Output offset voltage 2
VOF1
CH3 (VO3+ and VO3-),
CH4 (VO4+ and VO4-)
-50
50
mV
VREF input voltage range
IBIN
1.5
VCC-1.5
V
Output voltage
VO
RL = 8.0Ω *1
4.0
4.7
V
Closed-circuit voltage gain
VG
9
dB
Slew rate
SR
0.15
V/
μs
MUTE ON voltage
VMUTE
1.2
V
5V power block (PNP Tr 2SB632K used externally)
Output voltage
VOUT1
IO = 200mA
4.75
5.0
5.25
V
Line regulation
ΔVOLN1
5.6V
≤ VIN1 ≤ 12V
20
100
mV
Load regulation
ΔVOLD1
5mA
≤ IO ≤ 200mA
50
150
mV
Reset block
H reset output voltage
VORH
IORH = 200μA, CD Pin open
4.73
4.98
5.23
V
L reset output voltage
VORL
IORL = 2mA, CD-GND short-circuited
100
200
mV
Reset threshold voltage
VRT
*3
4.3
V
Reset hysteresis voltage
VHYS
*4
40
100
200
mV
Reset output delay time
td
Cd = 0.1
μF
10
ms
Pre-amplifier block
Output offset voltage
VOFF-OP
-7
0
7
mV
Input voltage range
VIN-OP
1.5
VCC-1.5
V
Output voltage SOURCE
VSOURCE-OP
1.2
V
Output voltage SYNC
VSINK-OP
0.5
V
Note *1 : Voltage across both ends of 8
Ω load inserted between outputs. Input = H or L.
The output is in the saturation condition.
*2 : The output is ON with MUTE = H and OFF with MUTE = L.MUTE is operable for all channels.
With MUTE = L, the output is OFF and the impedance is HI.
*3 : 5V supply voltage when the reset output is LOW.
*4 : Potential difference of 5V supply voltage between the reset output at LOW and at HI.
Hysteresis width.
Package Dimensions
unit : mm (typ)
3233B
15.2
(6.2)
0.3
2.7
0.8
2.0
(0.8)
1
14
15
28
0.25
SANYO : HSOP28H(375mil)
Pd max -- Ta
0
0.5
1
1.5
2
2.5
2.34
3
--40
--20
0
20
40
60
80
1.22
100
--30
Ambient temperature, Ta – °C
Specified board : 76.1
×114.3×1.6mm3
glass epoxy
When mounted on a board


유사한 부품 번호 - LA6546H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6540 SANYO-LA6540 Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541D SANYO-LA6541D Datasheet
80Kb / 7P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
More results

유사한 설명 - LA6546H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6579H SANYO-LA6579H Datasheet
93Kb / 8P
   Four-Channel Bridge (BTL) Driver
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6544M SANYO-LA6544M Datasheet
61Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
   Four-Channel BTL Driver for CD Players
logo
Sanyo Semicon Device
LA6539M SANYO-LA6539M Datasheet
137Kb / 4P
   Three-Channel CD-ROM Bridge Driver BTL
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
   4-channel H-bridge-type BTL driver
logo
Sanyo Semicon Device
LA6575H SANYO-LA6575H Datasheet
532Kb / 8P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com