전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6572 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA6572
상세설명  5-CH Driver for Mini Disc
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6572 데이터시트(HTML) 7 Page - Sanyo Semicon Device

  LA6572 Datasheet HTML 1Page - Sanyo Semicon Device LA6572 Datasheet HTML 2Page - Sanyo Semicon Device LA6572 Datasheet HTML 3Page - Sanyo Semicon Device LA6572 Datasheet HTML 4Page - Sanyo Semicon Device LA6572 Datasheet HTML 5Page - Sanyo Semicon Device LA6572 Datasheet HTML 6Page - Sanyo Semicon Device LA6572 Datasheet HTML 7Page - Sanyo Semicon Device LA6572 Datasheet HTML 8Page - Sanyo Semicon Device LA6572 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LA6572
No.7777-7/9
Pin Description
Pin No.
Pin Name
Description
1
MUTE1
CH1 and 2 output ON/OFF
2
MUTE2
CH3 output ON/OFF
3
VCC2
Power supply for CH3, 4, and 5. Short-circuited with VCC1.
4
VO5-
Output pin (-) for channel 5
5
VO5+
Output pin (+) for channel 5
6
VO4+
Output pin (+) for channel 4
7
VO4-
Output pin (-) for channel 4
8
VO3+
Output pin (+) for channel 3
9
VO3-
Output pin (-) for channel 3
10
VO2+
Output pin (+) for channel 2
11
VO2-
Output pin (-) for channel 2
12
VO1+
Output pin (+) for channel 1
13
VO1-
Output pin (-) for channel 1
14
VCC1
Power supply for CH1, 2. Short-circuited with VCC2.
15
VIN1
Input pin for channel 1, input AMP output
16
VIN1-
Input pin (-) for channel 1
17
VIN1+
Input pin (+) for channel 1
18
VIN2
Input pin for channel 2, input AMP output
19
VIN2-
Input pin (-) for channel 2
20
VIN2+
Input pin (+) for channel 2
21
VIN3
Input pin for channel 3, input AMP output
22
VIN3-
Input pin (-) for channel 3
23
VIN3+
Input pin (+) for channel 1
24
EN-REG
3.3V ON/OFF pin that operates with 3.3VREG. EN: H
→3.3VREG:ON, EN: L→3.3VREG:OFF
25
REG-OUT
Collector of PNP transistor connected to output 3.3VREG.
26
REG-IN
PNP transistor base connected
27
VREF-OUT(CH5)
VREF-AMP (CH5 output (TYP: 1.65V))
28
VREF-IN
Reference voltage applied pin
29
VIN4+
Input pin (+) for channel 4
30
VIN4-
Input pin (-) for channel 4
31
VIN4
Input pin for channel 4, input AMP output
32
VIN5+
Input pin (+) for channel 5
33
VIN5-
Input pin (-) for channel 5
34
VIN5
Input pin for channel 5, input AMP output
35
S-GND
Signal system GND
36
MUTE3
CH4 output ON/OFF
* Center frame (FR) becomes GND for the power system (P-GND). Set this to the minimum potential together with
S-GND.


유사한 부품 번호 - LA6572

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
More results

유사한 설명 - LA6572

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8026G3 FAIRCHILD-FAN8026G3 Datasheet
254Kb / 14P
   5-CH Motor Driver
logo
Sony Corporation
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com