전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU411D 데이터시트(PDF) 10 Page - SamHop Microelectronics Corp.

부품명 STU411D
상세설명  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU411D 데이터시트(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STU411D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 10Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STU411D
Ver 1.0
www.samhop.com.tw
10
PACKAGE OUTLINE DIMENSIONS
TO-252-4L
1
2
3
E1
D
E
b2
D1
L3
L4
b1
b
e
4
5
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
0.127
0.440
0.680
0.787
6.000
9.400
0.508
REF.
0.890
1.270
L4
0.640
1.270
BSC
b1
b2
6.400
6.731
b
L3
1.397
1.770
L1
A1
2.743
REF.
L2
5.515
5.200
A
2.200
2.387
MAX
MIN
0.000
0.635
5.210
5.460
C
0.450
0.584
D
6.223
D1
E
e
10.400
L
H
1.010
1
10°
REF.
MAX
MIN
MILLIMETERS
INCHES
0.087
0.094
0.000
0.005
0.017
0.027
0.025
0.031
0.205
0.215
0.018
0.023
0.236
0.245
0.205
0.217
0.252
0.265
0.050
BSC
0.370
0.409
0.055
0.070
0.108
0.020
0.035
0.050
0.025
0.040
10°
REF.
SYMBOLS
E1
4.400
5.004
0.173
0.197
REF.
REF.
Sep,04,2008


유사한 부품 번호 - STU411D

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STU410S SAMHOP-STU410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU410S DOINGTER-STU410S Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STU412S SAMHOP-STU412S Datasheet
249Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU413S SAMHOP-STU413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Foshan Blue Rocket Elec...
STU417S FOSHAN-STU417S Datasheet
826Kb / 6P
   P-CHANNEL MOSFET in a TO-252 Plastic Package
More results

유사한 설명 - STU411D

제조업체부품명데이터시트상세설명
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com