전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD419S 데이터시트(PDF) 3 Page - SamHop Microelectronics Corp.

부품명 STD419S
상세설명  P-Channel Logic Level EnhancementMode Field E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD419S 데이터시트(HTML) 3 Page - SamHop Microelectronics Corp.

  STD419S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD419S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Parameter
S ymbol
C ondition
Min Typ Max Unit
E LE C TR IC AL C HAR AC TE R IS TIC S (TA=25 C unless otherwise noted)
DR AIN-S OUR C E DIODE C HAR AC TE R IS TIC S
Diode Forward Voltage
VSD
VGS = 0V, Is = -10A
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
3
S T U/D419S
-1.2
-0.7
F igure 2. Trans fer C haracteris tics
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
-ID, Drain C urrent (A)
-V G S , G ate-to-S ource Voltage (V )
24
20
16
12
8
4
0
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
25
125
T j( C )
100
50
75
T j, J unction T emperature ( C )
F igure 1. Output C haracteris tics
-V DS , Drain-to-S ource Voltage (V )
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
V GS =-2V
V GS =-10V
V GS =-4.5V
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
5
10
15
20
25
1
V GS =10V
V GS =4.5V
1
T j=125 C
-55 C
V GS =-2.5V
150
25 C
V G S =-4V
ID=-10A
V G S =-10V
ID=-14A
0
0.8
1.8
1.6
1.4
1.2
1.0


유사한 부품 번호 - STD419S

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
STD410BLK VCC-STD410BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD410S SAMHOP-STD410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD412S SAMHOP-STD412S Datasheet
249Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD413S SAMHOP-STD413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

유사한 설명 - STD419S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
ST419S SAMHOP-ST419S Datasheet
379Kb / 8P
   P-Channel Logic Level EnhancementMode Field E ffect Transistor
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDB65N03 SAMHOP-SDB65N03 Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU310DH SAMHOP-STU310DH Datasheet
296Kb / 11P
   Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com