전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1TTE20L0G 데이터시트(PDF) 3 Page - KOA Speer Electronics, Inc.

부품명 SL1TTE20L0G
상세설명  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KOA [KOA Speer Electronics, Inc.]
홈페이지  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL1TTE20L0G 데이터시트(HTML) 3 Page - KOA Speer Electronics, Inc.

  SL1TTE20L0G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL1TTE20L0G Datasheet HTML 2Page - KOA Speer Electronics, Inc. SL1TTE20L0G Datasheet HTML 3Page - KOA Speer Electronics, Inc. SL1TTE20L0G Datasheet HTML 4Page - KOA Speer Electronics, Inc. SL1TTE20L0G Datasheet HTML 5Page - KOA Speer Electronics, Inc. SL1TTE20L0G Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KOA SPEER ELECTRONICS, INC.
SS-199 R18
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 6
6-1 Electrical Characteristics
JIS C 5202 5.1 Measured at 25°C
Within specified tolerance
Resistance
Temperature
coefficient
of resistance
Short time overload
3
Intermittent overload
4
± 5.0% maximum
± 1.0% maximum
JIS C 5202 5.2
+ 25°C / +125°C
5* times rated power for 5 seconds
10 Watts (SL3 only)
Rated voltage x 3.0*
1 sec. ON/25 seconds OFF 1,000 cycles
18 Watts 1 second ON/125 seconds OFF
1,000 cycles (SL3 only)
Item
Requirement
Test Method (JIS C 5202)
No.
1
2
1 W
2 W
3 W
Insulation Resistance
5
10,000 MΩ minimum
Surface center to terminations
D. C 500V
Dielectric
Withstanding
Voltage
6
± 0.5% maximum
No short, burning or arcing
A. C 500V
60 sec.
±180: R=<14.7 mΩ
±100: R=>15 mΩ
±180: R=<10.7 mΩ
±100: R=>11 mΩ
±180: R=<10.7 mΩ
±100: R=>11 mΩ
* Since temperature rise of this product are affected by the circuit board size, materials, peripheral heat-producing components, etc.
check that the solder fillet part temperature after mounting is less than the solder melting point (180°C) in operating condition and that
the package surface is 200°C or less. Also, please install radiating patterns and carefully design the pattern width with respect to the
load current so that the above temperatures can be maintained.
6-4 High Frequency Characteristics
6. Characteristics


유사한 부품 번호 - SL1TTE20L0G

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
SL1TTE20L0G KOA-SL1TTE20L0G Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

유사한 설명 - SL1TTE20L0G

제조업체부품명데이터시트상세설명
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com